Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1203D160HW Datasheet(PDF) 4 Page - Integrated Device Technology

Part # DAC1203D160HW
Description  Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1203D160HW Datasheet(HTML) 4 Page - Integrated Device Technology

  DAC1203D160HW Datasheet HTML 1Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 2Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 3Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 4Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 5Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 6Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 7Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 8Page - Integrated Device Technology DAC1203D160HW Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DAC1203D160_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
4 of 18
Integrated Device Technology
DAC1203D160
Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
VCCD
10
S
digital supply voltage
I11
11
I
I data input bit 11 (Most Significant Bit (MSB))
I10
12
I
I data input bit 10
I9
13
I
I data input bit 9
I8
14
I
I data input bit 8
I7
15
I
I data input bit 7
I6
16
I
I data input bit 6
DGND
17
G
digital ground
DEC
18
O
decoupling node
I5
19
I
I data input bit 5
I4
20
I
I data input bit 4
I3
21
I
I data input bit 3
I2
22
I
I data input bit 2
I1
23
I
I data input bit 1
I0
24
I
I data input bit 0 (Least Significant Bit (LSB))
DGND
25
G
digital ground
DEC
26
O
decoupling node
n.c.
27
I
not connected
n.c.
28
I
not connected
DGND
29
G
digital ground
DGND
30
G
digital ground
Q11
31
I
Q data input bit 11 (MSB)
Q10
32
I
Q data input bit 10
Q9
33
I
Q data input bit 9
Q8
34
I
Q data input bit 8
DGND
35
G
digital ground
DEC
36
O
decoupling node
Q7
37
I
Q data input bit 7
Q6
38
I
Q data input bit 6
Q5
39
I
Q data input bit 5
Q4
40
I
Q data input bit 4
Q3
41
I
Q data input bit 3
Q2
42
I
Q data input bit 2
DEC
43
O
decoupling node
DGND
44
G
digital ground
Q1
45
I
Q data input bit 1
Q0
46
I
Q data input bit 0 (LSB)
n.c.
47
I
not connected
n.c.
48
I
not connected
DGND
49
G
digital ground
DGND
50
G
digital ground
Table 2.
Pin description …continued
Symbol
Pin
Type[1]
Description


Similar Part No. - DAC1203D160HW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1203D160HW NXP-DAC1203D160HW Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160HW RENESAS-DAC1203D160HW Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
More results

Similar Description - DAC1203D160HW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
NXP Semiconductors
TDA9935 NXP-TDA9935 Datasheet
109Kb / 18P
   Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)
Rev. 04-17 September 2007
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com