Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWS600-48 Datasheet(PDF) 2 Page - TDK Electronics

Part # SWS600-48
Description  Single Output General Purpose Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SWS600-48 Datasheet(HTML) 2 Page - TDK Electronics

  SWS600-48 Datasheet HTML 1Page - TDK Electronics SWS600-48 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
98
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A3: Feb 2012
SWS300A-600 Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/sws-series.htm
HWS
15W to 1500W Single output, high reliability
SWS
50 - 1000W Single Output
ZWS
5 - 240W pcb style single, output
(2) Peak rating of 120A for 10s
(3) 115/230VAC
Other Industrial Products
Adjust
Max
Load
Line
Ripple
Eff.
Model
Voltage
Range
Curr. (A)
Reg (mV)
Reg (mV)
Noise (mV)
(typ)%(1)
SWS300A-3
3.3V
2.97 - 3.96V
55A
40
20
120
69 / 72
SWS300A-4
4V
3.6 - 4.8V
55A
40
20
120
72 / 75
SWS300A-5
5V
4.5 - 6V
55A
40
20
120
75 / 78
SWS300A-7R5
7.5V
6 - 9V
40A
60
30
120
77 / 80
SWS300A-12
12V
9.6 - 13.2V
26A
96
48
120
79 / 83
SWS300A-15
15
13.2 - 18.6V
21A
120
48
120
80 / 84
SWS300A-24
24V
20 - 28.8V
13A
120
48
150
82 / 85
SWS300A-28
28V
22.4 - 33.6V
11A
140
56
150
83 / 86
SWS300A-36
36V
28.8 - 40V
8.8A
180
72
200
83 / 87
SWS300A-48
48V
40 - 57.6
6.7A
240
96
240
83 / 86
SWS600-3
3.3V
2.97-3.96V
100 (2)
40
20
100
69/71
SWS600-5
5V
4.5-6V
100 (2)
40
20
100
74/77
SWS600-12
12V
9.6-13.2
50
96
48
120
78/81
SWS600-15
15V
13.2-18V
40
120
48
120
80/83
SWS600-24
24V
20-28.8
25
120
48
150
81/84
SWS600-36
36V
28.8-40V
16.7
180
72
200
81/85
SWS600-48
48V
40-57.6
12.5
240
96
240
82/85
Model
50°C
55°C
60°C
65°C
SWS300A
100%
91.6%
83.3%
50%
SWS600
100%
85%
70%
55%
Suffix
Descriptor
/CO2
Double sided conformal coating
Model Selector
Outline Drawing (SWS300A)
Derating
Options


Similar Part No. - SWS600-48

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
SWS600L-12 TDK-SWS600L-12 Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
SWS600L-12 TDK-SWS600L-12 Datasheet
160Kb / 1P
   AC-DC Power Supplies
SWS600L-15 TDK-SWS600L-15 Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
SWS600L-15 TDK-SWS600L-15 Datasheet
160Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - SWS600-48

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
LS25-3.3 TDK-LS25-3.3 Datasheet
533Kb / 2P
   Single Output General Purpose Power Supplies
SWS755 TDK-SWS755 Datasheet
110Kb / 2P
   Single Output General Purpose Power Supplies
logo
RSG Electronic Componen...
LS25 RSG-LS25 Datasheet
1Mb / 6P
   Single output General Purpose Power Supplies
logo
TDK Electronics
SWS50 TDK-SWS50 Datasheet
487Kb / 2P
   Single Output General Purpose Power Supplies
LS200 TDK-LS200 Datasheet
793Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
LS20024 TDK-LS20024 Datasheet
271Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
MRW TDK-MRW Datasheet
355Kb / 10P
   Power Supplies AC Input Multi Output, General-Purpose
logo
List of Unclassifed Man...
W72 ETC1-W72 Datasheet
104Kb / 2P
   Single Output Regulated Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com