Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1001D125HL Datasheet(PDF) 11 Page - Integrated Device Technology

Part # DAC1001D125HL
Description  Dual 10-bit DAC, up to 125 Msps
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1001D125HL Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button DAC1001D125HL Datasheet HTML 7Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 8Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 9Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 10Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 11Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 12Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 13Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 14Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DAC1001D125 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
11 of 25
Integrated Device Technology
DAC1001D125
Dual 10-bit DAC, up to 125 Msps
fs = 78 Msps; from fc = 9.5 MHz, 110 kHz spacing;  =0dBFS
Fig 7.
8-tone SFDR
Fig 8.
INL as a function of the input code
f (MHz)
0
40
30
20
10
001aai990
−60
−40
−80
−20
0
α
(dBm)
−100
001aaj000
0
−0.1
0.1
0.2
INL
(dB)
−0.2
input code
0
960
768
1152
576
192
384


Similar Part No. - DAC1001D125HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1001D125HL NXP-DAC1001D125HL Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
More results

Similar Description - DAC1001D125HL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1201D125 NXP-DAC1201D125 Datasheet
273Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
Rev. 01-27 November 2008
logo
Integrated Device Techn...
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com