Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1610S105HN-C1 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ADC1610S105HN-C1
Description  Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1610S105HN-C1 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ADC1610S105HN-C1 Datasheet HTML 2Page - Integrated Device Technology ADC1610S105HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1610S105HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1610S105HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1610S105HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1610S105HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1610S105HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1610S105HN-C1 Datasheet HTML 9Page - Integrated Device Technology ADC1610S105HN-C1 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
ADC1610S_SER 4
© IDT 2012. All rights reserved.
Product data sheet
Rev. 04 — 2 July 2012
6 of 38
Integrated Device Technology
ADC1610S series
Single 16-bit ADC; CMOS or LVDS DDR digital output
9. Static characteristics
Table 6.
Static characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDA
analog supply voltage
2.85
3.0
3.4
V
VDDO
output supply voltage
CMOS mode
1.65
1.8
3.6
V
LVDS DDR mode
2.85
3.0
3.6
V
IDDA
analog supply current
fclk =125 Msps; fi =70MHz
-
210
-
mA
IDDO
output supply current
CMOS mode;
fclk =125 Msps; fi =70MHz
-14
-
mA
LVDS DDR mode:
fclk =125 Msps; fi =70MHz
-43
-
mA
P
power dissipation
ADC1610S125;
analog supply only
-630
-
mW
ADC1610S105;
analog supply only
-550
-
mW
ADC1610S080;
analog supply only
-430
-
mW
ADC1610S065;
analog supply only
-380
-
mW
Power-down mode
-
2
-
mW
Sleep mode
-
40
-
mW
Clock inputs: pins CLKP and CLKM
Low-Voltage Positive Emitter-Coupled Logic (LVPECL)
Vi(clk)dif
differential clock input voltage
peak-to-peak
-
1.6
-
V
SINE
Vi(clk)dif
differential clock input voltage
peak
-
3.0
-
V
Low Voltage Complementary Metal Oxide Semiconductor (LVCMOS)
VIL
LOW-level input voltage
-
-
0.3VDDA V
VIH
HIGH-level input voltage
0.7VDDA --
V
Logic inputs, Power-down: pin PWD/OE
VIL
LOW-level input voltage
-
0
-
V
LOW-medium level
-
0.3VDDA -V
Medium-HIGH level
-
0.6VDDA -V
VIH
HIGH-level input voltage
-
VDDA
-V
IIL
LOW-level input current
-
55
-
A
IIH
HIGH-level input current
-
65
-
A
Serial peripheral interface: pins CS, SDIO/ODS, SCLK/DFS
VIL
LOW-level input voltage
0
-
0.3VDDA V
VIH
HIGH-level input voltage
0.7VDDA -VDDA
V
IIL
LOW-level input current
10
-
+10
A
IIH
HIGH-level input current
50
-
+50
A
CI
input capacitance
-
4
-
pF


Similar Part No. - ADC1610S105HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1610S105HN PHILIPS-ADC1610S105HN Datasheet
311Kb / 40P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 3-25 January 2011
ADC1610S105HN/C1 NXP-ADC1610S105HN/C1 Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
More results

Similar Description - ADC1610S105HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S PHILIPS-ADC1610S_11 Datasheet
311Kb / 40P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 3-25 January 2011
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1010S RENESAS-ADC1010S Datasheet
390Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1010S IDT-ADC1010S Datasheet
386Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com