Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1443D200HD Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ADC1443D200HD
Description  Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1443D200HD Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ADC1443D200HD Datasheet HTML 7Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 8Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 9Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 10Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 11Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 12Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 13Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 14Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
IMD3
third-order intermodulation distortion
fi1 = 3.5 MHz;
fi2 =6.5 MHz
-91-
-
90
-
-
<tbd>
-
dBc
fi1 =68.5MHz;
fi2 =71.5MHz
-90-
-
89
-
-
<tbd>
-
dBc
fi1 = 138.5 MHz;
fi2 = 141.5 MHz
-89-
-
88
-
-
<tbd>
-
dBc
fi1 = 168.5 MHz;
fi2 = 171.5 MHz
-91-
-
88
-
-
<tbd>
-
dBc
fi1 = 188.5 MHz;
fi2 = 191.5 MHz
-88-
-
87
-
-
<tbd>
-
dBc
fi1 = 228.5 MHz;
fi2 = 231.5 MHz
-87-
-
87
-
-
<tbd>
-
dBc
SNR
signal-to-noise ratio
fi = 5 MHz
-
72.6
-
-
71.9
-
-
<tbd>
-
dBFS
fi = 70 MHz
-
72.4
-
-
71.7
-
-
<tbd>
-
dBFS
fi = 140 MHz
-
72.1
-
-
71.3
-
-
<tbd>
-
dBFS
fi = 170 MHz
-
71.6
-
-
70.8
-
-
<tbd>
-
dBFS
fi = 190 MHz
-
71.2
-
-
70.6
-
-
<tbd>
-
dBFS
fi = 230 MHz
-
70.6
-
-
70
-
-
<tbd>
-
dBFS
ENOB
effective number of bits
fi =5MHz
-
11.7
-
-
11.4
-
-
<tbd>
-
bit
fi = 70 MHz
-
11.7
-
-
11.4
-
-
<tbd>
-
bit
fi = 140 MHz
-
11.7
-
-
11.3
-
-
<tbd>
-
bit
fi = 170 MHz
-
11.5
-
-
11.3
-
-
<tbd>
-
bit
fi = 190 MHz
-
11.5
-
-
11.2
-
-
<tbd>
-
bit
fi = 230 MHz
-
11.3
-
-
11.1
-
-
<tbd>
-
bit
Table 6.
Dynamic characteristics[1] …continued
Symbol
Parameter
Conditions
ADC1443D125
(fs = 125 Msps)
ADC1443D160
(fs = 154 Msps)
ADC1443D200
(fs =185 Msps)
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max


Similar Part No. - ADC1443D200HD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1443D200HD IDT-ADC1443D200HD Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
More results

Similar Description - ADC1443D200HD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1443D125HD-C1 IDT-ADC1443D125HD-C1 Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
logo
Renesas Technology Corp
ADC1443D RENESAS-ADC1443D Datasheet
4Mb / 53P
   Dual 14-bit ADC; 125, 160 or 185 Msps; JESD204A/B serial outputs
6 June 2014
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ADC1453D RENESAS-ADC1453D Datasheet
3Mb / 49P
   Dual 14-bit ADC; up to 246 Msps; JESD204B serial outputs
6 June 2014
logo
Intersil Corporation
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com