Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1443D Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ADC1443D
Description  Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1443D Datasheet(HTML) 1 Page - Integrated Device Technology

  ADC1443D Datasheet HTML 1Page - Integrated Device Technology ADC1443D Datasheet HTML 2Page - Integrated Device Technology ADC1443D Datasheet HTML 3Page - Integrated Device Technology ADC1443D Datasheet HTML 4Page - Integrated Device Technology ADC1443D Datasheet HTML 5Page - Integrated Device Technology ADC1443D Datasheet HTML 6Page - Integrated Device Technology ADC1443D Datasheet HTML 7Page - Integrated Device Technology ADC1443D Datasheet HTML 8Page - Integrated Device Technology ADC1443D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
®
1. General description
The ADC1443D is a dual channel 14-bit Analog-to-Digital Converter (ADC) with
JESD204B interface (backward compatible JESD204A) optimized for high dynamic
performance and low power consumption at sample rates up to 200 Msps. Pipelined
architecture and output error correction ensure that the ADC1443D is accurate enough to
guarantee zero missing codes over the entire operating range.
Supplied from a single 1.8 V source, the ADC1443D has serial outputs compliant with the
JESD204B standard over a configurable number of lanes (1 or 2). Multiple Device
Synchronization (MDS) allows sample-accurate synchronization of the data outputs of
multiple ADC devices. It guarantees a maximum skew of one clock period between as
many as 16 output lanes from up to eight ADC1443D devices.
An integrated Serial Peripheral Interface (SPI) allows easy configuration of the ADC. The
device also includes a programmable full-scale to allow a flexible input voltage range of
1 V (p-p) to 2 V (p-p).
With excellent dynamic performance from the baseband to input frequencies of up to
1 GHz (typical), the ADC1443D is ideal for use in undersampled multi-carrier,
multistandard communication system applications. Using a pipelined architecture, an
output error correction scheme ensures that the ADC1443D is accurate enough to
guarantee zero missing codes over the entire operating range.
The ADC1443D is available in an HLQFN56 package (8 mm
 8 mm outline). It is
supported with customer demo boards. This device is also available in a 12-bit resolution
variant with a choice of maximum sampling frequency (125, 160 or 200 Msps).
2. Features and benefits
ADC1443D series
Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B
serial outputs
Rev. 03 — 19 July 2012
Objective data sheet
Dual channel 14-bit resolution ADC
SNR = 70.6 dBFS (typical);
fs = 154 Msps; fi =190 MHz
Sampling rate up to 200 Msps
SFDR = 86 dBc (typical); fs =154 Msps;
fi =190 MHz
JESD204B Device Subclass 0, 1 and 2
compliant with harmonic clocking and
deterministic latency support
IMD3 = 88 dBc (typical); fs =154 Msps;
fi1 = 188.5 MHz; fi2 = 191.5 MHz
ADC Multiple Device Synchronization
(MDS)
Typical power dissipation = 0.9 W;
fs = 154 Msps
Assured interworking/interoperability
with Altera, Lattice and Xilinx SerDes
FPGAs
Analog input bandwidth of 1 GHz
(typical)


Similar Part No. - ADC1443D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1443D RENESAS-ADC1443D Datasheet
4Mb / 53P
   Dual 14-bit ADC; 125, 160 or 185 Msps; JESD204A/B serial outputs
6 June 2014
logo
Integrated Device Techn...
ADC1443D125HD IDT-ADC1443D125HD Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
ADC1443D125HD-C1 IDT-ADC1443D125HD-C1 Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
ADC1443D160HD IDT-ADC1443D160HD Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
ADC1443D200HD IDT-ADC1443D200HD Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
More results

Similar Description - ADC1443D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1443D125HD-C1 IDT-ADC1443D125HD-C1 Datasheet
928Kb / 50P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
logo
Renesas Technology Corp
ADC1443D RENESAS-ADC1443D Datasheet
4Mb / 53P
   Dual 14-bit ADC; 125, 160 or 185 Msps; JESD204A/B serial outputs
6 June 2014
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ADC1453D RENESAS-ADC1453D Datasheet
3Mb / 49P
   Dual 14-bit ADC; up to 246 Msps; JESD204B serial outputs
6 June 2014
logo
Intersil Corporation
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com