Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1412D065HN-C1 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ADC1412D065HN-C1
Description  Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1412D065HN-C1 Datasheet(HTML) 5 Page - Integrated Device Technology

  ADC1412D065HN-C1 Datasheet HTML 1Page - Integrated Device Technology ADC1412D065HN-C1 Datasheet HTML 2Page - Integrated Device Technology ADC1412D065HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1412D065HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1412D065HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1412D065HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1412D065HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1412D065HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1412D065HN-C1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
ADC1412D_SER 5
© IDT 2012. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2012
5 of 41
Integrated Device Technology
ADC1412D series
Dual 14-bit ADC: CMOS or LVDS DDR digital outputs
[1]
P: power supply; G: ground; I: input; O: output; I/O: input/output.
6.2 LVDS DDR outputs selected
6.2.1 Pinning
DA12
57
O
data output bit 12; channel A
DA13
58
O
data output bit 13 (MSB); channel A
OTRA
59
O
out-of-range; channel A
DECA
60
O
regulator decoupling node; channel A
VDDA
61
P
analog power supply
SENSE
62
I
reference programming pin
VREF
63
I/O
voltage reference input/output
VDDA
64
P
analog power supply
Table 2.
Pin description (CMOS digital outputs) …continued
Symbol
Pin
Type [1]
Description
Fig 3.
Pin configuration with LVDS DDR digital outputs selected
005aaa098
ADC1412D
HVQFN64
Transparent top view
DB6_DB7_M
INBM
INBP
DB6_DB7_P
AGND
DB4_DB5_M
VCMB
DB4_DB5_P
REFBT
DB2_DB3_M
REFBB
DB2_DB3_P
AGND
DB0_DB1_M
CLKM
DB0_DB1_P
CLKP
DAVM
AGND
DAVP
REFAB
DA0_DA1_P
REFAT
DA0_DA1_ M
VCMA
DA2_DA3_P
AGND
DA2_DA3_M
INAM
DA4_DA5_P
INAP
DA4_DA5_M
16
33
15
34
14
35
13
36
12
37
11
38
10
39
9
40
8
41
7
42
6
43
5
44
4
45
3
46
2
47
1
48
terminal 1
index area


Similar Part No. - ADC1412D065HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1412D065HN/C1 NXP-ADC1412D065HN/C1 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1412D065HN/C1 NXP-ADC1412D065HN/C1 Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
More results

Similar Description - ADC1412D065HN-C1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com