Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1413S125HN-C1 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ADC1413S125HN-C1
Description  Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1413S125HN-C1 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ADC1413S125HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1413S125HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1413S125HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1413S125HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1413S125HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1413S125HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1413S125HN-C1 Datasheet HTML 9Page - Integrated Device Technology ADC1413S125HN-C1 Datasheet HTML 10Page - Integrated Device Technology ADC1413S125HN-C1 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ADC1413S_SER 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
7 of 36
Integrated Device Technology
ADC1413S series
Single 14-bit ADC: serial JESD204A interface
[1]
Typical values measured at VDDA =3 V, VDDD(1V8) =1.8 V, Tamb =25 C. Minimum and maximum values are across the full temperature
range Tamb = 40 C to +85 C at VDDA =3 V, VDDD(1V8) = 1.8 V; Vi(INP)  Vi(INM) = 1 dBFS; internal reference mode; 100  differential
applied to serial outputs; unless otherwise specified.
Serial configuration: SYNCP, SYNCN
VIL
LOW-level input voltage differential; input
-
0.95
-
V
VIH
HIGH-level input voltage differential; input
-
1.47
-
V
Accuracy
INL
integral non-linearity
5-
+5
LSB
DNL
differential non-linearity
guaranteed no missing
codes
0.95
0.5
+0.95
LSB
Eoffset
offset error
-
2-
mV
EG
gain error
full-scale
-
 0.5
-
%
Supply
PSRR
power supply rejection
ratio
200 mV (p-p) on pin
VDDA; fi =DC
-
54
-
dB
Table 5.
Static characteristics …continued[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - ADC1413S125HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1413S125HN NXP-ADC1413S125HN Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
More results

Similar Description - ADC1413S125HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com