Electronic Components Datasheet Search |
|
ADC1412D105HN-C1 Datasheet(PDF) 11 Page - Integrated Device Technology |
|
ADC1412D105HN-C1 Datasheet(HTML) 11 Page - Integrated Device Technology |
11 / 41 page xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx [1] Typical values measured at VDDA =3V, VDDO =1.8 V, Tamb =25 C; minimum and maximum values are across the full temperature range Tamb = 40 Cto+85 C at VDDA =3V, VDDO = 1.8 V; VINAP VINAM = 1 dBFS; VINBP VINBM = 1 dBFS; internal reference mode; applied to CMOS and LVDS interface; unless otherwise specified. 10.2 Clock and digital output timing IMD Intermodulation distortion fi = 3 MHz - 89 - - 89 - - 88 - - 89 - dBc fi = 30 MHz -88- -88- -88- -88 - dBc fi = 70 MHz -87- -87- -86- -86 - dBc fi = 170 MHz - 84 - - 85 - - 83 - - 84 - dBc ct(ch) channel crosstalk fi = 70 MHz - 100 - - 100 - - 100 - - 100 - dBc Table 7. Dynamic characteristics[1] …continued Symbol Parameter Conditions ADC1412D065 ADC1412D080 ADC1412D105 ADC1412D125 Unit Min Typ Max Min Typ Max Min Typ Max Min Typ Max Table 8. Clock and digital output timing characteristics[1] Symbol Parameter Conditions ADC1412D065 ADC1412D080 ADC1412D105 ADC1412D125 Unit Min Typ Max Min Typ Max Min Typ Max Min Typ Max Clock timing input: pins CLKP and CLKM fclk clock frequency 20 - 65 60 - 80 75 - 105 100 - 125 MHz tlat(data) data latency time -14- -14- -14- -14 - clock cycles clk clock duty cycle DCS_EN = 1 30 50 70 30 50 70 30 50 70 30 50 70 % DCS_EN = 0 455055 4550 55 4550 5545 50 55 % td(s) sampling delay time - 0.8 - - 0.8 - - 0.8 - - 0.8 - ns twake wake-up time -76- -76- -76- -76 - s CMOS mode timing: pins DA13 to DA0, DB13 to DB0 and DAV tPD propagation delay DATA - 3.9 - - 3.9 - - 3.9 - - 3.9 - ns DAV - 4.2- -4.2 - - 4.2- -4.2 - ns tsu set-up time - 8.6 - - 7.4 - - 6.1 - - 5.7 - ns th hold time - 4.8 - - 3.4 - - 1.8 - - 1.4 - ns tr rise time DATA [2] 0.5 - 2.4 0.5 - 2.4 0.5 - 2.4 0.5 - 2.4 ns DAV 0.5 - 2.4 0.5 - 2.4 0.5 - 2.4 0.5 - 2.4 ns tf fall time DATA [2] 0.5 - 2.4 0.5 - 2.4 0.5 - 2.4 0.5 - 2.4 ns |
Similar Part No. - ADC1412D105HN-C1 |
|
Similar Description - ADC1412D105HN-C1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |