Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1215S080HN-C1 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ADC1215S080HN-C1
Description  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1215S080HN-C1 Datasheet(HTML) 1 Page - Integrated Device Technology

  ADC1215S080HN-C1 Datasheet HTML 1Page - Integrated Device Technology ADC1215S080HN-C1 Datasheet HTML 2Page - Integrated Device Technology ADC1215S080HN-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1215S080HN-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1215S080HN-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1215S080HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1215S080HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1215S080HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1215S080HN-C1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
®
1. General description
The ADC1215S is a single channel 12-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performance and low power consumption at sample rates up to 125 Msps.
Pipelined architecture and output error correction ensure the ADC1215S is accurate
enough to guarantee zero missing codes over the entire operating range. Supplied from a
single 3 V source, it can handle output logic levels from 1.8 V to 3.3 V in CMOS mode
because of a separate digital output supply.
The ADC1215S supports the Low Voltage Differential Signalling (LVDS) Double Data
Rate (DDR) output standard. An integrated Serial Peripheral Interface (SPI) allows the
user to easily configure the ADC.
The device also includes a SPI programmable full-scale to allow flexible input voltage
range from 1 V to 2 V (peak-to-peak). With excellent dynamic performance from the
baseband to input frequencies of 170 MHz or more, the ADC1215S is ideal for use in
communications, imaging and medical applications - especially in high Intermediate
Frequency (IF) applications because of the integrated input buffer. The input buffer
ensures that the input impedance remains constant and low and the performance
consistent over a wide frequency range.
2. Features and benefits
ADC1215S series
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03 — 2 July 2012
Product data sheet
SNR, 70 dBFS / SFDR, 86 dBc
Input bandwidth, 600 MHz
Sample rate up to 125 Msps
Power dissipation, 635 mW at 80 Msps,
including analog input buffer
12-bit pipelined ADC core
SPI
Clock input divided by 2 for less jitter
contribution
Duty cycle stabilizer
Integrated input buffer
Fast OuT-of-Range (OTR) detection
Flexible input voltage range: 1 V (p-p) to
2 V (p-p)
Offset binary, two’s complement, gray
code
CMOS or LVDS DDR digital outputs
Power-down and Sleep modes
Pin compatible with the ADC1415S
series, the ADC1015S series and the
ADC1115S125
HVQFN40 package


Similar Part No. - ADC1215S080HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1215S080HN/C1 NXP-ADC1215S080HN/C1 Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
More results

Similar Description - ADC1215S080HN-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Renesas Technology Corp
ADC1215S RENESAS-ADC1215S Datasheet
386Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1415S NXP-ADC1415S Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1015S IDT-ADC1015S Datasheet
382Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com