Electronic Components Datasheet Search |
|
ADC1212D065HN-C1 Datasheet(PDF) 1 Page - Integrated Device Technology |
|
ADC1212D065HN-C1 Datasheet(HTML) 1 Page - Integrated Device Technology |
1 / 40 page ® 1. General description The ADC1212D is a dual channel 12-bit Analog-to-Digital Converter (ADC) optimized for high dynamic performances and low power consumption at sample rates up to 125 Msps. Pipelined architecture and output error correction ensure the ADC1212D is accurate enough to guarantee zero missing codes over the entire operating range. Supplied from a single 3 V source, it can handle output logic levels from 1.8 V to 3.3 V in Complementary Metal Oxide Semiconductor (CMOS) mode, because of a separate digital output supply. It supports the Low Voltage Differential Signalling (LVDS) Double Data Rate (DDR) output standard. An integrated Serial Peripheral Interface (SPI) allows the user to easily configure the ADC. The device also includes a programmable full-scale SPI to allow a flexible input voltage range of 1 V (p-p) to 2 V (p-p). With excellent dynamic performance from the baseband to input frequencies of 170 MHz or more, the ADC1212D is ideal for use in communications, imaging and medical applications. 2. Features and benefits 3. Applications ADC1212D series Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs Rev. 03 — 2 July 2012 Product data sheet SNR, 70 dBFS Input bandwidth, 600 MHz SFDR, 86 dBc Power dissipation, 855 mW at 80 Msps Sample rate up to 125 Msps Serial Peripheral Interface (SPI) Clock input divided by 2 to reduce jitter contribution Duty cycle stabilizer Single 3 V supply Fast OuT-of-Range (OTR) detection Flexible input voltage range: 1Vto 2V(p-p) Offset binary, two’s complement, gray code CMOS or LVDS DDR digital outputs Power-down and Sleep modes Pin and software compatible with ADC1412D series and ADC1112D125. HVQFN64 package Wireless and wired broadband communications Spectral analysis Portable instrumentation Ultrasound equipment Imaging systems Software defined radio |
Similar Part No. - ADC1212D065HN-C1 |
|
Similar Description - ADC1212D065HN-C1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |