Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1206S070 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ADC1206S070
Description  Single 10 bits ADC, up to 55 MHz or 70 MHz
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1206S070 Datasheet(HTML) 5 Page - Integrated Device Technology

  ADC1206S070 Datasheet HTML 1Page - Integrated Device Technology ADC1206S070 Datasheet HTML 2Page - Integrated Device Technology ADC1206S070 Datasheet HTML 3Page - Integrated Device Technology ADC1206S070 Datasheet HTML 4Page - Integrated Device Technology ADC1206S070 Datasheet HTML 5Page - Integrated Device Technology ADC1206S070 Datasheet HTML 6Page - Integrated Device Technology ADC1206S070 Datasheet HTML 7Page - Integrated Device Technology ADC1206S070 Datasheet HTML 8Page - Integrated Device Technology ADC1206S070 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ADC1006S055_070_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
5 of 30
Integrated Device Technology
ADC1006S055/070
Single 10 bits ADC, up to 55 MHz or 70 MHz
8. Limiting values
OTC
18
control input two’s complement output; active HIGH
CE
19
chip enable input (CMOS level; active LOW)
IR
20
in-range output
D9
21
data output; bit 9 (Most Significant Bit (MSB))
D8
22
data output; bit 8
D7
23
data output; bit 7
D6
24
data output; bit 6
D5
25
data output; bit 5
D4
26
data output; bit 4
D3
27
data output; bit 3
D2
28
data output; bit 2
D1
29
data output; bit 1
D0
30
data output; bit 0 (Least Significant Bit (LSB))
n.c.
31
not connected
n.c.
32
not connected
VCCO
33
output supply voltage (3.3 V)
OGND
34
output ground
CLKN
35
complementary clock input
CLK
36
clock input
VCCD1
37
digital supply voltage 1 (5 V)
DGND1
38
digital ground 1
SH
39
sample-and-hold enable input (CMOS level; active HIGH)
AGND4
40
analog ground 4
VCCA4
41
analog supply voltage 4 (5 V)
IN
42
analog input voltage
INN
43
complementary analog input voltage
AGND1
44
analog ground 1
Table 3.
Pin description …continued
Symbol
Pin
Description
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCA
analog supply voltage
[1]
0.3
+7.0
V
VCCD
digital supply voltage
[1]
0.3
+7.0
V
VCCO
output supply voltage
[1]
0.3
+7.0
V
VCC
supply voltage difference
VCCA  VCCD
1.0
+1.0
V
VCCD  VCCO
1.0
+4.0
V
VCCA  VCCO
1.0
+4.0
V
Vi(IN)
input voltage on pin IN
referenced to
AGND
0.3
VCCA
V
Vi(INN)
input voltage on pin INN
0.3
VCCA
V


Similar Part No. - ADC1206S070

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1206S070 NXP-ADC1206S070 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
ADC1206S070H NXP-ADC1206S070H Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S070H RENESAS-ADC1206S070H Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results

Similar Description - ADC1206S070

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com