Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD90910RGCR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCD90910RGCR
Description  10-Rail Sequencer and System Health Monitor With 10-Fan Control
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD90910RGCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD90910RGCR Datasheet HTML 3Page - Texas Instruments UCD90910RGCR Datasheet HTML 4Page - Texas Instruments UCD90910RGCR Datasheet HTML 5Page - Texas Instruments UCD90910RGCR Datasheet HTML 6Page - Texas Instruments UCD90910RGCR Datasheet HTML 7Page - Texas Instruments UCD90910RGCR Datasheet HTML 8Page - Texas Instruments UCD90910RGCR Datasheet HTML 9Page - Texas Instruments UCD90910RGCR Datasheet HTML 10Page - Texas Instruments UCD90910RGCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
RGCPackage
(TopView)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
64
18
63
19
62
20
61
21
60
22
59
23
58
24
57
25
56
26
55
27
54
28
53
29
52
30
51
31
50
32
49
P0056-18
PMBUS_CLK
PMBUS_DATA
V33DIO1
DVSS1
DVSS3
V33DIO2
V33D
V33A
BPCAP
AVSS2
RESET
PWM4/GPI4
PWM3/GPI3
TRCK
TRST
TCK/GPIO19
TDO/GPIO20
TDI/GPIO21
TMS/GPIO22
GPIO1
GPIO2
GPIO3
GPIO4
GPIO16
GPIO17
GPIO18
MON1
MON2
MON3
MON4
MON5
MON6
UCD90910
PMBUS_CLK
15
PMBUS_DATA
16
PMBUS_ALERT
27
PMBUS_CNTRL
28
PMBUS_ADDR0
61
PMBUS_ADDR1
60
NC1
51
NC2
53
7
8
26 43
44
45
46
47
48
49
58
64
RESET
9
PWM1/GPI1
31
PWM2/GPI2
32
PWM4/GPI4
41
PWM3/GPI3
42
NC3
55
NC4
57
TRCK
10
TRST
40
TCK/GPIO19
36
TDO/GPIO20
37
TDI/GPIO21
38
TMS/GPIO22
39
GPIO1
11
GPIO2
12
GPIO3
13
GPIO4
14
GPIO13
25
GPIO16
33
GPIO17
34
GPIO18
35
GPIO14
29
GPIO15
30
FPWM1/GPIO5
17
FPWM2/GPIO6
18
FPWM3/GPIO7
19
FPWM4/GPIO8
20
FPWM5/GPIO9
21
FPWM6/GPIO10
22
FPWM7/GPIO11
23
FPWM8/GPIO12
24
MON1
1
MON2
2
MON3
3
MON4
4
MON5
5
MON6
6
MON7
59
MON8
62
MON9
63
MON10
50
MON11
52
MON12
54
MON13
56
UCD90910
M0178-01
UCD90910
www.ti.com
SLVSA81 – JULY 2010
DEVICE INFORMATION
UCD90910 PIN ASSIGNMENT
Table 1. PIN FUNCTIONS
PIN NAME
PIN NO.
I/O TYPE
DESCRIPTION
ANALOG MONITOR INPUTS
MON1
1
I
Analog input (0 V–2.5 V)
MON2
2
I
Analog input (0 V–2.5 V)
MON3
3
I
Analog input (0 V–2.5 V)
MON4
4
I
Analog input (0 V–2.5 V)
MON5
5
I
Analog input (0 V–2.5 V)
MON6
6
I
Analog input (0 V–2.5 V)
MON7
59
I
Analog input (0 V–2.5 V)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :UCD90910


Similar Part No. - UCD90910RGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9090 TI-UCD9090 Datasheet
1Mb / 48P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD9090 TI1-UCD9090 Datasheet
1Mb / 55P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD9090-Q1 TI1-UCD9090-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   10-Rail Power-Supply Sequencer and Monitor With ACPI Support
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD9090ARGZR TI1-UCD9090ARGZR Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
More results

Similar Description - UCD90910RGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124 TI-UCD90124 Datasheet
2Mb / 44P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD90124 TI-UCD90124_1 Datasheet
2Mb / 46P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD90120 TI-UCD90120 Datasheet
2Mb / 40P
[Old version datasheet]   UCD90120 12-Channel Sequencer and System Health Monitor
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD9090-Q1 TI1-UCD9090-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   10-Rail Power-Supply Sequencer and Monitor With ACPI Support
UCD9090 TI1-UCD9090 Datasheet
1Mb / 55P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD9090 TI-UCD9090 Datasheet
1Mb / 48P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90124A TI1-UCD90124A Datasheet
1Mb / 51P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
   10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
logo
Texas Instruments
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com