Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28950TPWRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28950TPWRQ1
Description  Phase-Shifted Full-Bridge Controller With Synchronous Rectification
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28950TPWRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28950TPWRQ1 Datasheet HTML 4Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 5Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 6Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 7Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 8Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 9Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 10Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 11Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
UCC28950
DCM
RSUM
RT
TMIN
DELEF
DELCD
DELAB
SS/EN
COMP
EA-
EA+
VREF
24
23
22
21
20
19
18
17
16
15
14
13
ADELEF
ADEL
CS
SYNC
OUTF
OUTE
OUTD
OUTC
OUTB
OUTA
VDD
GND
UCC28950-Q1
SLUSAG4A – APRIL 2011 – REVISED JULY 2012
www.ti.com
DEVICE INFORMATION
Plastic 24-pin TSSOP (PW)
PIN FUNCTIONS
PIN
I/O
FUNCTION
NUMBER
NAME
1
VREF
O
5-V, ±1.5%, 20-mA reference voltage output
2
EA+
I
Error amplifier non-inverting input
3
EA–
I
Error amplifier inverting input
4
COMP
I/O
Error amplifier output and input to the PWM comparator
5
SS/EN
I
Soft-start programming, device enable and hiccup-mode protection circuit
6
DELAB
I
Dead-time delay programming between OUTA and OUTB
7
DELCD
I
Dead-time delay programming between OUTC and OUTD
8
DELEF
I
Delay-time programming between OUTA to OUTF, and OUTB to OUTE
9
TMIN
I
Minimum duty-cycle programming in burst mode
10
RT
I
Oscillator frequency set. Master- or slave-mode setting
11
RSUM
I
Slope compensation programming. Voltage-mode or peak-current-mode setting
12
DCM
I
DCM threshold setting
Delay-time programming between primary-side and secondary-side switches, tAFSET
13
ADELEF
I
and tBESET.
Dead-time programming for the primary switches over CS voltage range, tABSET and
14
ADEL
I
tCDSET.
15
CS
I
Current sense for cycle-by-cycle overcurrent protection and adaptive delay functions
16
SYNC
I/O
Synchronization out from master controller to input of slave controller
17
OUTF
O
0.2-A sink/source synchronous switching output
18
OUTE
O
0.2-A sink/source synchronous switching output
19
OUTD
O
0.2-A sink/source primary switching output
20
OUTC
O
0.2-A sink/source primary switching output
21
OUTB
O
0.2-A sink/source primary switching output
22
OUTA
O
0.2-A sink/source primary switching output
23
VDD
I
Bias supply input
24
GND
Ground. All signals are referenced to this node.
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): UCC28950-Q1


Similar Part No. - UCC28950TPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
More results

Similar Description - UCC28950TPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com