Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC0808S250HW-C1 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ADC0808S250HW-C1
Description  Single 8-bit ADC, up to 125 MHz or 250 MHz
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC0808S250HW-C1 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ADC0808S250HW-C1 Datasheet HTML 4Page - Integrated Device Technology ADC0808S250HW-C1 Datasheet HTML 5Page - Integrated Device Technology ADC0808S250HW-C1 Datasheet HTML 6Page - Integrated Device Technology ADC0808S250HW-C1 Datasheet HTML 7Page - Integrated Device Technology ADC0808S250HW-C1 Datasheet HTML 8Page - Integrated Device Technology ADC0808S250HW-C1 Datasheet HTML 9Page - Integrated Device Technology ADC0808S250HW-C1 Datasheet HTML 10Page - Integrated Device Technology ADC0808S250HW-C1 Datasheet HTML 11Page - Integrated Device Technology ADC0808S250HW-C1 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ADC0808S125_ADC0808S250_4
© IDT 2012. All rights reserved.
Product data sheet
Rev. 04 — 2 July 2012
8 of 22
Integrated Device Technology
ADC0808S125/250
Single 8-bit ADC, up to 125 MHz or 250 MHz
001aab893
CCS (fclk)
CCS (fclk / 2)
D0 to D7
50 %
50 %
data
n
− 2n − 1
data
data
data
n
+ 1
n
td(CCS)
Fig 6.
Complete conversion signal timing diagram using CCS
7.5 Full-scale input selection
The ADC0808S has an internal reference circuit which can be overruled by an external
reference voltage. This can be done with the full-scale reference voltage (Vref(fs))
according to Table 9.
The ADC provides the required common-mode voltage on pin CMADC. In case of internal
regulation, the regulator output voltage on pin CMADC is 0.95 V.
Table 9.
Full-scale input selection
Full-scale reference voltage
Vref(fs)
Common-mode output
voltage VO(cm)
Maximum peak-to-peak input
voltage Vi(p-p)(max)
1.15 V
0.8 V
1.825 V
1.20 V
0.86 V
1.91 V
1.25 V
0.94 V
1.99 V
1.30 V
1.01 V
2.08 V
1.35 V
1.09 V
2.16 V
The internal reference circuit is enabled by connecting pin FSIN to ground. The
common-mode output voltage VO(cm) on pin CMADC will then be 0.95 V, and the
maximum peak-to-peak input voltage Vi(p-p)(max) will be 2.0 V; see Figure 7 and Figure 8.
The ADC full-scale input selection principle is shown in Figure 9.


Similar Part No. - ADC0808S250HW-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0808S250HW/C1 NXP-ADC0808S250HW/C1 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
ADC0808S250HW/C1 NXP-ADC0808S250HW/C1 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
More results

Similar Description - ADC0808S250HW-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0808S125 PHILIPS-ADC0808S125 Datasheet
121Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S125 NXP-ADC0808S125_09 Datasheet
130Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S125 NXP-ADC0808S125 Datasheet
122Kb / 23P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
logo
Renesas Technology Corp
ADC0808S RENESAS-ADC0808S Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com