Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603X7R160-104M Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C0603X7R160-104M
Description  Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C0603X7R160-104M Datasheet(HTML) 1 Page - Silicon Laboratories

  C0603X7R160-104M Datasheet HTML 1Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 2Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 3Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 4Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 5Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 6Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 7Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 8Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Rev. 0.7 4/11
Copyright © 2011 by Silicon Laboratories
Si2493/57/34/15/04-EVB
Si2493/57/34/15/04
Global ISOmodem-EVB
Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
ISOmodem with UART and SPI Interfaces
Description
The global Si2493/57/34/15/04-EVB evaluation board
Rev 5.0 provides the system designer an easy way of
evaluating the Si2493/57/34/15/04 ISOmodem®. The
Si2493/57/34/15/04-EVB consists of a motherboard
with a power supply, an RS-232 and USB interface,
other ease-of-use features, and a complete removable
modem module on a daughter card. (A functional block
diagram of the Si2493/57/34/15/04-EVB is shown
below.)
The
Si2493/57/34/15/04
ISOmodem
is
a
complete controller-based modem chipset with an
integrated
and
programmable
direct
access
arrangement (DAA) that meets global telephone line
requirements. Available as a combination of one 16-pin
small line-side device and one 24-pin or 16-pin system-
side
device,
the
Si2493/57/34/15/04
ISOmodem
eliminates the need for a separate DSP data pump,
modem
controller,
memories,
codec,
isolation
transformer, relays, opto-isolators, and a 2- to 4-wire
hybrid. The Si2493/57/34/15/04 is ideal for embedded
modem applications due to its small board area,
controller-based architecture, low power consumption,
and global compliance. The Si2493/57/34/15/04-EVB
provides an RJ-11 jack (for interfacing the Si2493/57/
34/15/04-EVB to the phone line), and USB and RS232
serial ports for interfacing to a PC or data terminal. This
allows the ISOmodem to operate as a serial modem for
straightforward evaluation of the Si2493/57/34/15/04. To
evaluate the Si2493/57/34/15/04 ISOmodem in an
embedded system, the daughter card can be used
independently of or with the motherboard.
A direct access header (J103) is available on the
motherboard to bypass the RS-232 transceivers and
connect the Si2493/57/34/15/04 ISOmodem directly to
a target system.
An on-board rectifier, filter, and voltage regulator allow
the power input to be 7.5–13 V ac or dc (either polarity)
supplied through a screw terminal (J8) or a standard
2 mm power jack (J9). Alternatively, power can be
supplied through the USB interface (whether the USB or
RS232 interface is used). The evaluation board can
drive an external speaker for call monitoring or the
speaker mounted directly on the board. Please note that
the PCM interface, parallel interface, and EEPROM are
available on the 24-pin FT only. See "1.7.EVB Part
Numbers" on page 8 for ISOmodem EVB options.
Features
The Si2493/57/34/15/04-EVB includes the following:
Dual RJ-11 connection to phone line
RS-232 and USB interface to PC
Speaker for call monitoring
Direct access to Si2493/57/34/15/04 for embedded
application evaluation
Easy power connection to common 7.5 V–13.5 V
power supplies or USB port.
9 V ac adaptor
Simple installation and operation
EEPROM (24-pin FT only)
RS232 lines status display on LEDs.
Functional Block Diagram
Si2493/57/34/15/04
Push Button
Reset
RESET
XTALI
XTALO
Si3018*
Interface
Circuit
RJ-11
Phone
line
Audio
Amplifier
AOUT
Audio
Out
Direct
Access HDR
Daughter Board Boundary
Power-On
Reset
Rectifier
Filter
RS-232
Transceivers
UART
DB9
Interface
Selection
Jumpers
Voltage
Regulator
3.3 V
5 V
7.5-13.5 V dc or
peak ac Adaptor
USB
Connector
USB I/F
*Si3010 for Si2404


Similar Part No. - C0603X7R160-104M

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C0603X7R101- SILABS-C0603X7R101- Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
C0603X7R101-102K SILABS-C0603X7R101-102K Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
Skyworks Solutions Inc.
C0603X7R101-104M SKYWORKS-C0603X7R101-104M Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
C0603X7R101-104M SKYWORKS-C0603X7R101-104M Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
C0603X7R101-471K SKYWORKS-C0603X7R101-471K Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
More results

Similar Description - C0603X7R160-104M

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4368 AKM-AKD4368 Datasheet
628Kb / 39P
   Evaluation board Rev.1 for AK4368
AKD4555 AKM-AKD4555 Datasheet
824Kb / 27P
   Evaluation board Rev.0 for AK4555
AKD4145-A AKM-AKD4145-A Datasheet
1Mb / 32P
   Evaluation board Rev.3 for AK4145
AKD4160-A AKM-AKD4160-A Datasheet
715Kb / 37P
   Evaluation board Rev.0 for AK4160
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4186-A AKM-AKD4186-A Datasheet
872Kb / 19P
   Evaluation board Rev.1 for AK4186
AKD4629-A AKM-AKD4629-A Datasheet
1Mb / 68P
   Evaluation board Rev.1 for AK4629
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5374-A AKM-AKD5374-A Datasheet
1Mb / 28P
   Evaluation board Rev.1 for AK5374
AKD4691-A AKM-AKD4691-A Datasheet
1Mb / 68P
   Evaluation board Rev.0 for AK4691
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com