Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4455-PCE10D915B Datasheet(PDF) 8 Page - Silicon Laboratories

Part # 4455-PCE10D915B
Description  EZRADIO짰 TWO-WAY LINK DEVELOPMENT KIT USER?셎
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4455-PCE10D915B Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button 4455-PCE10D915B Datasheet HTML 4Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 5Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 6Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 7Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 8Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 9Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 10Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 11Page - Silicon Laboratories 4455-PCE10D915B Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EZRadio-2WayLink-DK
8
Rev. 0.1
2.4. Menu System of the Range Test Demo
After running the demo, the first screen is the Welcome Screen. The Welcome Screen is shown for up to 1.5 sec-
onds or for as long as any of the push buttons are pressed. The second screen provides information on the firm-
ware, covered device name, firmware name, and version number of the firmware is displayed.
Figure 4. Welcome Screen
Figure 5. Firmware information
The on-screen menu system is designed for easy configuration. The RF and packet parameters of the
communication can be configured as described in the previous sections.
Four push buttons are used to navigate the menu system: soft labels on the LCD screen display the current
function of the related buttons. In general, push button 1 (PB1) is used to go to the previous menu page; push
button 2 (PB2) is used to select between menu items, push button 3 (PB3) is used to change value of the menu
item, and push button 4 (PB4) is used to access the next menu page. Some of the menu items have more than ten
possible values. In such cases, not only PB3 can be used to increase the value of the menu item, but PB2 and PB3
can be used together to decrease its value. To decrease such values, push and hold PB2 and then push PB3
several times to reach the required value.
A small arrow (
 ) points to the actual menu item. The demo can be configured through six menu pages.
The first page is used to select the functionality of the demo. The range test can be performed in single way (Tx—
transmit or Rx—receive mode) or bidirectional (TRx—transceiver mode) radio communication. If custom RF
parameters are stored, the user can choose between “Custom” or “Select” RF parameters. If “Custom” RF
parameters is selected, the user can only check but not change the RF parameters on the following menu pages.
Figure 6. Menu Page: System Function 1/6


Similar Part No. - 4455-PCE10D915B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
4455-BH11DP909-10 MOLEX3-4455-BH11DP909-10 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, End-to-End Stackable, 0.254關m (10關") Tin (Sn), 11 Circuits
logo
Silicon Laboratories
4455-LED-434-PER SILABS-4455-LED-434-PER Datasheet
208Kb / 14P
   Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
4455-LED-868-PER SILABS-4455-LED-868-PER Datasheet
208Kb / 14P
   Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
4455-LED-915-PER SILABS-4455-LED-915-PER Datasheet
208Kb / 14P
   Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
More results

Similar Description - 4455-PCE10D915B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR-LEDK2W-434 SILABS-EZR-LEDK2W-434 Datasheet
208Kb / 14P
   Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
SI4010-DK SILABS-SI4010-DK Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
   C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
Silicon Laboratories
MSC-F930-PDK SILABS-MSC-F930-PDK Datasheet
1Mb / 17P
   EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
Sciosense B.V.
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
   Development Kit User Guide
Rev. 5 2021-10-22
AS6040-QF_DK SCIOSENSE-AS6040-QF_DK Datasheet
1Mb / 16P
   Development Kit User Guide
Revision: 4 Date: 2021-10-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com