Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4010-KFOB-868 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # 4010-KFOB-868
Description  Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4010-KFOB-868 Datasheet(HTML) 3 Page - Silicon Laboratories

  4010-KFOB-868 Datasheet HTML 1Page - Silicon Laboratories 4010-KFOB-868 Datasheet HTML 2Page - Silicon Laboratories 4010-KFOB-868 Datasheet HTML 3Page - Silicon Laboratories 4010-KFOB-868 Datasheet HTML 4Page - Silicon Laboratories 4010-KFOB-868 Datasheet HTML 5Page - Silicon Laboratories 4010-KFOB-868 Datasheet HTML 6Page - Silicon Laboratories 4010-KFOB-868 Datasheet HTML 7Page - Silicon Laboratories 4010-KFOB-868 Datasheet HTML 8Page - Silicon Laboratories 4010-KFOB-868 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Si4010-RC-DEMO
Rev. 0.2
3
3. RF Parameters
The demo kit uses the following RF parameters according to the kit’s frequency band.
The modulation is FSK.
4. Transmitter Side Program
The Si4010 in the key fob programmed with the rke_demo_2 program. Since the program is burned in the NVM
(OTP) memory of the Si4010, it cannot be changed. The whole rke_demo_2 software project can be found in the
example programs package of the Si4010. It is available at the web page
http://www.silabs.com/products/wireless/EZRadio/Pages/Si4010.aspx on the Tools tab.
The key fob transmits an RF packet three times each time a button is pressed, and it also blinks the LED on the key
fob. The packet structure is as follows:
Symbol rate is 9.6 kBd.
Each packet contains 18 additional bytes that are not received by the receiver of this demo. These additional bytes
are AES-encrypted and are used by the AES demo kit. See details in the user’s guide of the AES demo kit (P/N
4010-AESK1W-434).
In the key fob program the frequency and deviation is pin-selected by the pcb layout. This operating frequency is
indicated on a label on the back of the key fob pcb.
The 316.667 MHz key fob is available in the 4010-AESK1W-315 demo kit or separately from Silicon Labs.
The key fob’s default modulation is FSK but if the middle button is pressed and held during battery insertion, the
modulation will be OOK until the next powerdown (battery removal).
Kit Part Number
Center Frequency
Deviation
EZR-LEDK1W-434
433.92 MHz
59 kHz
EZR-LEDK1W-868
868.30 MHz
119 kHz
EZR-LEDK1W-917
917.00 MHz
120 kHz
Number of Bytes
Field Name
Description
13
Preamble
0xaa
2
Sync
0x2d, 0xd4
4
Chip ID
Unique, factory-burned chip ID
1
Status
Lower 5 bits are the button information
2
Packet count
Rolling counter for PER measurement
2
CRC-16
Generator X16+X15+X2+1, start value 0xFFFF
GPIO8
GPIO9
Center Frequency
Deviation
High
Low
316.66 MHz
43 kHz
High
High
433.92 MHz
59 kHz
Low
High
868.30 MHz
119 kHz
Low
Low
917.00 MHz
120 kHz


Similar Part No. - 4010-KFOB-868

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
4010-KFOB-868 SILABS-4010-KFOB-868 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
4010-KFOB-868-NF SILABS-4010-KFOB-868-NF Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
More results

Similar Description - 4010-KFOB-868

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
4010-DASKF-434 SILABS-4010-DASKF-434 Datasheet
99Kb / 8P
   Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
SI4010-DK SILABS-SI4010-DK Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
EZR-LCDK2W-434 SILABS-EZR-LCDK2W-434 Datasheet
414Kb / 16P
   EZRADIO짰 TWO-WAY LINK DEVELOPMENT KIT USER?셎
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
Silicon Laboratories
EZR-LEDK2W-434 SILABS-EZR-LEDK2W-434 Datasheet
208Kb / 14P
   Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
SI4820-DEMO SILABS-SI4820-DEMO Datasheet
1Mb / 10P
   Si4820/24 DEMO BOARD USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com