Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB-XTEN-01 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # USB-XTEN-01
Description  Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

USB-XTEN-01 Datasheet(HTML) 4 Page - Silicon Laboratories

  USB-XTEN-01 Datasheet HTML 1Page - Silicon Laboratories USB-XTEN-01 Datasheet HTML 2Page - Silicon Laboratories USB-XTEN-01 Datasheet HTML 3Page - Silicon Laboratories USB-XTEN-01 Datasheet HTML 4Page - Silicon Laboratories USB-XTEN-01 Datasheet HTML 5Page - Silicon Laboratories USB-XTEN-01 Datasheet HTML 6Page - Silicon Laboratories USB-XTEN-01 Datasheet HTML 7Page - Silicon Laboratories USB-XTEN-01 Datasheet HTML 8Page - Silicon Laboratories USB-XTEN-01 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Si4455-2WayLink-DEMO
4
Rev. 0.1
2.3. Frequency and Frequency Bands
The RFstick provides RF matching solutions for all supported frequency bands. Different HW solutions are required
for each frequency bands. Range test demo automatically reads required frequency band information from the on
board EEPROM and selects the appropriate frequency range.
Silicon Labs provides Si4455 Two Way Demo Link Kits for the following frequency bands:
Middle band: 425–525 MHz
High band: 850–960 MHz
Range test demo provides four different selectable frequencies in all the supported bands. In case of custom
parameters are stored the custom frequency can also be selected, but only in the defined frequency band. Table 2
lists the available frequencies.
2.3.1. Node Address
Each node using the range test demo can select from 16 different addresses (0-15). Transmitter and receiver of the
same link have to use the same addresses. It is advised to use only one link (one transmitter and one receiver)
with the same address within close proximity, otherwise the different systems will disturb each other.
2.3.2. Modulation
User can select from three types of modulation:
GFSK with high precision TX crystal (TX: 30 ppm, RX: 30 ppm)
GFSK (TX: 150 ppm, RX: 30 ppm)
OOK
2.3.3. Data Rate
User can select from three different data rates. In case of custom settings are stored the custom data rate can also
be selected. Table 3 lists the available data rates.
Table 2. Available Frequencies
Freq. band
Middle
High
0
Custom
Custom
1
433.92 MHz
867.84 MHz
2
434.15 MHz
868.30 MHz
3
458.50 MHz
917.00 MHz
4
475.00 MHz
950.00 MHz
Table 3. Available Data Rates
Modulation
GFSK
(both types)
OOK
0
Custom
Custom
1
9.6 kbps
2.4 kbps
2
38.4 kbps
9.6 kbps
3
128.0 kbps
20.0 kbps


Similar Part No. - USB-XTEN-01

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
USB-XTEN-MINI SILABS-USB-XTEN-MINI Datasheet
414Kb / 16P
   EZRADIO짰 TWO-WAY LINK DEVELOPMENT KIT USER?셎
More results

Similar Description - USB-XTEN-01

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR-LCDK2W-434 SILABS-EZR-LCDK2W-434 Datasheet
414Kb / 16P
   EZRADIO짰 TWO-WAY LINK DEVELOPMENT KIT USER?셎
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
logo
List of Unclassifed Man...
KIT2 ETC2-KIT2 Datasheet
447Kb / 1P
   demo kit
logo
National Semiconductor ...
DS16EV51-AEVKD NSC-DS16EV51-AEVKD_14 Datasheet
400Kb / 7P
   DVI Extender Demo Kit for Dual or Single Link DVI Cables
logo
Silicon Laboratories
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
logo
Maxim Integrated Produc...
DK101 MAXIM-DK101 Datasheet
329Kb / 13P
   Low-Cost Demo Kit Motherboard
REV: 052903
DK2000 MAXIM-DK2000 Datasheet
479Kb / 19P
   High-Performance Demo Kit Motherboard
REV: 052903
logo
Dallas Semiconductor
DS3131DK DALLAS-DS3131DK Datasheet
376Kb / 33P
   Bit-SynchronouS (BoSS) HDLC Controller Demo Kit
logo
Maxim Integrated Produc...
DS26522DK MAXIM-DS26522DK Datasheet
914Kb / 23P
   Dual T1/E1/J1 Transceiver Demo Kit
REV: 091806
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com