Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1Z16A Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1Z16A
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1Z16A Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1Z16A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1Z16A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1Z16A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1Z16A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZENER CHARACTERISTICS
FORWARD
VOLTAGE
REVERSE
CURRENT
ZENER VOLTAGE
VZ (V)
ZENER
IMPEDANCE
rd (Ω)
TEMPERATURE
COEFFICIENT
OF ZENER
VOLTAGE
αT (mV / °C)
VF (V)
IR (µA)
TYPE
MIN.
TYP.
MAX.
MAX.
MEASURE-
MENT
CURRENT
IZ (mA)
TYP.
MAX.
MAX.
MEASURE-
MENT
CURRENT
IF (A)
MAX
MEASURE-
MENT
VOLTAGE
VR (V)
1Z6.2
5.6
6.2
6.8
60
10
1.5
2
1.2
0.2
10
3
1Z6.8
6.2
6.8
7.4
1Z6.8A
6.45
6.8
7.14
60
10
3
4
1.2
0.2
10
2
1Z7.5
6.8
7.5
8.3
1Z7.5A
7.13
7.5
7.87
30
10
4
5
1.2
0.2
10
4.5
1Z8.2
7.4
8.2
9.1
1Z8.2A
7.79
8.2
86.1
30
10
4
6
1.2
0.2
10
4.9
1Z9.1
8.2
9.1
10.1
1Z9.1A
8.65
9.1
9.55
30
10
5
8
1.2
0.2
10
5.5
1Z10
9.0
10
11.0
1Z10A
9.5
10
10.5
30
10
6
9
1.2
0.2
10
6
1Z11
9.9
11
12.1
1Z11A
10.5
11
11.5
30
10
7
11
1.2
0.2
10
7
1Z12
10.8
12
13.2
1Z12A
11.4
12
12.6
30
10
8
13
1.2
0.2
10
8
1Z13
11.7
13
14.3
1Z13A
12.4
13
13.6
30
10
9
14
1.2
0.2
10
9
1Z15
13.5
15
16.5
1Z15A
14.3
15
15.8
30
10
11
17
1.2
0.2
10
10
1Z16
14.4
16
17.6
1Z16A
15.2
16
16.8
30
10
12
19
1.2
0.2
10
11
1Z18
16.2
18
19.8
1Z18A
17.1
18
18.9
30
10
14
23
1.2
0.2
10
13
1Z20
18.0
20
22.0
1Z20A
19.0
20
21
30
10
16
26
1.2
0.2
10
14
1Z22
19.8
22
24.2
1Z22A
20.9
22
23.1
30
10
18
28
1.2
0.2
10
16
1Z24
21.6
24
26.4
1Z24A
22.8
24
25.2
30
10
20
32
1.2
0.2
10
17
1Z27
24.3
27
29.7
1Z27A
25.7
27
28.3
30
10
23
36
1.2
0.2
10
19
1Z30
27.0
30
33.0
1Z30A
28.5
30
31.5
30
10
25
40
1.2
0.2
10
21
1Z33
29.7
33
36.3
30
10
26
41
1.2
0.2
10
26.4
1Z36
32.4
36
39.6
30
9
28
45
1.2
0.2
10
28.8
1Z43
38.7
43
47.3
40
7
33
53
1.2
0.2
10
34.4
1Z47
42.3
47
51.7
65
6
38
60
1.2
0.2
10
37.6
ELECTRICAL CHARACTERISTICS (T
A=25
)
1Z6.2-1Z390
Zener Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1Z16A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1Z16A TOSHIBA-1Z16A Datasheet
218Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
logo
Galaxy Semi-Conductor H...
1Z16A BILIN-1Z16A Datasheet
202Kb / 4P
   ZENER DIODES
logo
Shenzhen Taychipst Elec...
1Z16A TAYCHIPST-1Z16A Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
More results

Similar Description - 1Z16A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com