Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1Z11A Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1Z11A
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1Z11A Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1Z11A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1Z11A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1Z11A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1Z11A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZENER CHARACTERISTICS
FORWARD
VOLTAGE
REVERSE
CURRENT
ZENER VOLTAGE
VZ (V)
ZENER
IMPEDANCE
rd (Ω)
TEMPERATURE
COEFFICIENT
OF ZENER
VOLTAGE
αT (mV / °C)
VF (V)
IR (µA)
TYPE
MIN.
TYP.
MAX.
MAX.
MEASURE-
MENT
CURRENT
IZ (mA)
TYP.
MAX.
MAX.
MEASURE-
MENT
CURRENT
IF (A)
MAX
MEASURE-
MENT
VOLTAGE
VR (V)
1Z51
45.9
51
56.1
65
6
43
68
1.2
0.2
10
40.8
1Z68
61.2
68
74.8
120
4
57
90
1.2
0.2
10
54.4
1Z75
67.5
75
82.5
150
4
66
104
1.2
0.2
10
60
1Z82
73.8
82
90.2
170
3
71
113
1.2
0.2
10
65.4
1Z100
90
100
110
300
3
87
138
1.2
0.2
10
80
1Z110
99
110
121
300
3
96
152
1.2
0.2
10
88
1Z150
135
150
165
450
2
136
212
1.2
0.2
10
120
1Z180
162
180
198
500
1.5
161
255
1.2
0.2
10
144
1Z330
297
330
363
5000
1
297
472
1.2
0.2
10
264
1Z330A
313.5
330
346.5
ELECTRICAL CHARACTERISTICS (T
A=25
)
1Z390
351
390
429
10000
0.5
350
555
1.2
0.2
10
312
1Z6.2-1Z390
Zener Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1Z11A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1Z11A TOSHIBA-1Z11A Datasheet
218Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
logo
Galaxy Semi-Conductor H...
1Z11A BILIN-1Z11A Datasheet
202Kb / 4P
   ZENER DIODES
logo
Shenzhen Taychipst Elec...
1Z11A TAYCHIPST-1Z11A Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
More results

Similar Description - 1Z11A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com