Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65217ARSLR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65217ARSLR
Description  SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65217ARSLR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65217ARSLR Datasheet HTML 5Page - Texas Instruments TPS65217ARSLR Datasheet HTML 6Page - Texas Instruments TPS65217ARSLR Datasheet HTML 7Page - Texas Instruments TPS65217ARSLR Datasheet HTML 8Page - Texas Instruments TPS65217ARSLR Datasheet HTML 9Page - Texas Instruments TPS65217ARSLR Datasheet HTML 10Page - Texas Instruments TPS65217ARSLR Datasheet HTML 11Page - Texas Instruments TPS65217ARSLR Datasheet HTML 12Page - Texas Instruments TPS65217ARSLR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
TPS65217A, TPS65217B, TPS65217C
www.ti.com
SLVSB64E – NOVEMBER 2011 – REVISED JULY 2012
ELECTRICAL CHARACTERISTICS (continued)
VBAT = 3.6 V ±5%, TJ = 27ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER PATH INPUT CURRENT LIMITS
IAC[1:0] = 00
90
130
IAC[1:0] = 01
480
580
IACLMT
Input current limit; AC pin
mA
IAC[1:0] = 10
1000
1500
IAC[1:0] = 11
2000
2500
IUSB[1:0] = 00
90
100
IUSB[1:0] = 01
460
500
IUSBLMT
Input current limit; USB pin
mA
IUSB[1:0] = 10
1000
1300
IUSB[1:0] = 11
1500
1800
IBAT
Battery load current
Not tested in production
2
A
POWER PATH BATTERY SUPPLEMENT DETECTION
VSYS ≤ VBAT - VBSUP1, VSYS falling IUSB[1:0] =
Battery supplement threshold
40
10
VBSUP
mV
Hysteresis
VSYS rising
20
POWER PATH BATTERY PROTECTION
VBAT(SC)
BAT pin short-circuit detection threshold
1.3
1.5
1.7
V
Source current for BAT pin short-circuit
IBAT(SC)
7.5
mA
detection
INPUT BASED DYNAMIC POWER MANAGEMENT
Threshold at which DPPM loop is
VDPM
3.5
4.25
V
I2C selectable
enabled
BATTERY CHARGER
Battery charger voltage
4.10
4.45
V
I2C selectable
VOREG
Accuracy
-2
1
%
VPRECHG = 0
2.9
Pre-charge to fast-charge transition
VLOWV
V
threshold
VPRECHG = 1
2.5
Deglitch time on pre-charge to fast-
tDGL1(LOWV)
Not tested in production
25
ms
charge transition
Deglitch time on fast-charge to pre-
tDGL2(LOWV)
Not tested in production
25
ms
charge transition
ICHRG[1:0] = 00
300
Battery fast charge current range
ICHRG[1:0] = 01
400
ICHG
VOREG > VBAT > VLOWV,
mA
ICHRG[1:0] = 10
450
500
550
VIN = VUSB = 5 V
ICHRG[1:0] = 11
700
ICHRG[1:0] = 00
30
ICHRG[1:0] = 01
40
IPRECHG
Pre-charge current
mA
ICHRG[1:0] = 10
25
50
75
ICHRG[1:0] = 11
70
TERMIF[1:0] = 00
2.5
TERMIF[1:0] = 01
3
7.5
10
Charge current value for termination
ITERM
%
detection threshold (fraction of ICHG)
TERMIF[1:0] = 10
15
TERMIF[1:0] = 11
18
tDGL(TERM)
Deglitch time, termination detected
Not tested in production
125
ms
VRCH
Recharge detection threshold
Voltage below VOREG
150
100
70
mV
Deglitch time, recharge threshold
tDGL(RCH)
Not tested in production
125
ms
detected
IBAT(DET)
Sink current for battery detection
TJ = 27°C
3
7.5
10
mA
Battery detection timer. IBAT(DET) is pulled
from the battery for tDET. If BAT voltage
VBAT < VRCH;
tDET
250
ms
remains above VRCH threshold the battery Not tested in production
is connected.
Safety timer range, thermal and DPM not
TCHG
Charge safety timer
4
8
h
active, selectable by I2C;
Not tested in production
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS65217A TPS65217B TPS65217C


Similar Part No. - TPS65217ARSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217ARSLR TI1-TPS65217ARSLR Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217ARSLR TI-TPS65217ARSLR Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217ARSLR TI1-TPS65217ARSLR Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
More results

Similar Description - TPS65217ARSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com