Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65257RHAR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65257RHAR
Description  4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65257RHAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65257RHAR Datasheet HTML 3Page - Texas Instruments TPS65257RHAR Datasheet HTML 4Page - Texas Instruments TPS65257RHAR Datasheet HTML 5Page - Texas Instruments TPS65257RHAR Datasheet HTML 6Page - Texas Instruments TPS65257RHAR Datasheet HTML 7Page - Texas Instruments TPS65257RHAR Datasheet HTML 8Page - Texas Instruments TPS65257RHAR Datasheet HTML 9Page - Texas Instruments TPS65257RHAR Datasheet HTML 10Page - Texas Instruments TPS65257RHAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TPS65257
www.ti.com
SLVSB32
– SEPTEMBER 2011
TERMINAL FUNCTIONS (continued)
NAME
NO.
I/O
DESCRIPTION
USB1 fault flag output, open drain, active low. Asserted when overcurrent
USB_nFAULT
35
I
or overtemperature condition is detected in the switch.
LX3
36, 37
O
Switching node for Buck3
VIN3
38
I
Input supply for Buck3. Fit a 10-
µF ceramic capacitor close to this pin.
Bootstrap capacitor for Buck3. Fit a 47-nF ceramic capacitor from this pin
BST3
39
I
to the switching node.
Enable pin for Buck3. A high signal on this pin enables the converter. For
EN3
40
I
a delayed start-up add a small ceramic capacitor from this pin to ground.
PowerPAD. Connect to system ground for electrical and thermal
PowerPAD
connection.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted, all voltages are with respect to GND)
Voltage range at VIN1,VIN2, VIN3, LX1, LX2, LX3
–0.3 to 18
V
Voltage range at LX1, LX2, LX3 (maximum withstand voltage transient
< 10 ns)
–3 to 18
V
Voltage at BST1, BST2, BST3 referenced to LX pin
–0.3 to 7
V
Voltage at V7V, COMP1, COMP2, COMP3, USB_Vin, USB_Vo
–0.3 to 7
V
Voltage at V3V, RLIM1, RLIM2, RLIM3, EN1,EN2, EN3, SS1, SS2, SS3, FB1, FB2,FB3 ,
–0.3 to 3.6
V
PGOOD, ROSC, PB_IN INT, USB_EN, USB_ILIM
Voltage at GND
–0.3 to 0.3
V
TJ
Operating junction temperature range
–40 to 125
°C
TSTG
Storage temperature range
–55 to 150
°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input operating voltage
4.5
16
V
TA
Junction temperature
–40
85
°C
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
MIN
MAX
UNIT
Human body model (HBM), PB_IN pin to ground
10000
V
Any other pin
2000
Charge device model (CDM)
500
V
PACKAGE DISSIPATION RATINGS
(1)
TA = 25°C
TA = 55°C
TA = 85°C
PACKAGE
θJA (°C/W)
POWER RATING (W)
POWER RATING (W)
POWER RATING (W)
RHA
30
3.33
2.3
1.3
(1)
Based on JEDEC 51.5 HIGH K environment measured on a 76.2 x 114 x 0.6-mm board with the following layer arrangement:
(a) Top layer: 2 Oz Cu, 6.7% coverage
(b) Layer 2: 1 Oz Cu, 90% coverage
(c) Layer 3: 1 Oz Cu, 90% coverage
(d) Bottom layer: 2 Oz Cu, 20% coverage
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65257


Similar Part No. - TPS65257RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65257 TI-TPS65257_15 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
More results

Similar Description - TPS65257RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65257 TI-TPS65257_15 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS65258 TI1-TPS65258 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET AND 2 USB SWITCHES
TPS65287 TI1-TPS65287 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65252 TI-TPS65252_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
TPS65252 TI1-TPS65252 Datasheet
924Kb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com