Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65217BRSL Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS65217BRSL
Description  SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65217BRSL Datasheet(HTML) 1 Page - Texas Instruments

  TPS65217BRSL Datasheet HTML 1Page - Texas Instruments TPS65217BRSL Datasheet HTML 2Page - Texas Instruments TPS65217BRSL Datasheet HTML 3Page - Texas Instruments TPS65217BRSL Datasheet HTML 4Page - Texas Instruments TPS65217BRSL Datasheet HTML 5Page - Texas Instruments TPS65217BRSL Datasheet HTML 6Page - Texas Instruments TPS65217BRSL Datasheet HTML 7Page - Texas Instruments TPS65217BRSL Datasheet HTML 8Page - Texas Instruments TPS65217BRSL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
TPS65217A, TPS65217B, TPS65217C
www.ti.com
SLVSB64E – NOVEMBER 2011 – REVISED JULY 2012
SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
Check for Samples: TPS65217A, TPS65217B, TPS65217C
1
FEATURES
234
CHARGER/POWER PATH
Switch Impedance 300 m
Ω (Typical)
200-mA Current Limit
2-A Output Current on Power Path
Passive Discharge to Ground When
Linear Charger; 700-mA Maximum Charge
Disabled
Current
Configured as LDOs:
20-V Tolerant USB and AC Inputs
LDO Output Voltage Range: 1.5 V – 3.3 V
100-mA, 500-mA, 1300-mA or 1800-mA Current
Limit on USB Input
VIN Range: 2.7 V – 5.8 V
Thermal Regulation, Safety Timers
200-mA Current Limit (TPS65217A, B)
Temperature Sense Input
400-mA Current Limit (TPS65217C)
Passive Discharge to Ground When
STEP-DOWN CONVERTER (DCDC1, 2, 3)
Disabled
Three Step-Down Converter With Integrated
Switching FETs
WLED DRIVER
DCDC1: 0.9 V – 1.8 V at 1.2 A
Internally Generated PWM for Dimming
Control
DCDC2: 0.9 V – 3.3 V at 1.2 A
38-V Open LED Protection
DCDC3: 0.9 V – 1.5 V at 1.2 A
Supports Two Strings of Up To 10 LEDs at
VIN Range: 2.7 V – 5.8 V
25 mA Each
2.25-MHz Fixed Frequency Operation
Internal Low-Side Current Sinks
Power Save Mode at Light Load Current
Output Voltage Accuracy in PWM Mode ±2.0%
PROTECTION
100% Duty Cycle for Lowest Dropout
Undervoltage Lockout and Battery Fault
Typical 15-µA Quiescent per Converter
Comparator
Passive Discharge to Ground When Disabled
Always-On Push-Button Monitor
Hardware Reset Pin
LDOs (LDO1, 2)
Password Protected I2C® Registers
Two Adjustable LDOs
LDO1: 1.0 V – 3.3 V (1.8-V Default)
INTERFACE
at 100 mA
I2C Interface (Address 0x24)
LDO2: 0.9V – 3.3 V (3.3-V Default) at 100 mA
Password Protected I2C Registers
VIN Range: 1.8 V – 5.8 V
PACKAGE
LDO2 Can Be Configured to Track DCDC3
Available in 6-mm × 6-mm, 48-Pin QFN
Typical 15-µA Quiescent Current
APPLICATIONS
LOAD SWITCHES (LDO3, 4)
AM335x ARM® Cortex™-A8 Microprocessors
Two Independent Load Switches That Can Be
Portable Navigation Systems
Configured as LDOs
Tablet Computing
Configured as Switches:
5-V Industrial Equipment
VIN Range: 1.8 V – 5.8 V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Cortex is a trademark of ARM Ltd or its subsidiaries.
3
ARM is a registered trademark of ARM Ltd or its subsidiaries.
4
I2C is a registered trademark of Philips Semiconductors Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65217BRSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217BRSL TI1-TPS65217BRSL Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSLR TI1-TPS65217BRSLR Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSLR TI-TPS65217BRSLR Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSLR TI1-TPS65217BRSLR Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217BRSLT TI1-TPS65217BRSLT Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
More results

Similar Description - TPS65217BRSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com