Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4053A-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4053A-Q1
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4053A-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV4053A-Q1 Datasheet HTML 1Page - Texas Instruments SN74LV4053A-Q1 Datasheet HTML 2Page - Texas Instruments SN74LV4053A-Q1 Datasheet HTML 3Page - Texas Instruments SN74LV4053A-Q1 Datasheet HTML 4Page - Texas Instruments SN74LV4053A-Q1 Datasheet HTML 5Page - Texas Instruments SN74LV4053A-Q1 Datasheet HTML 6Page - Texas Instruments SN74LV4053A-Q1 Datasheet HTML 7Page - Texas Instruments SN74LV4053A-Q1 Datasheet HTML 8Page - Texas Instruments SN74LV4053A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
D OR PW PACKAGE
(TOP VIEW)
2Y1
2Y0
3Y1
3-COM
3Y0
INH
GND
GND
V
CC
2-COM
1-COM
1Y1
1Y0
A
B
C
SN74LV4053A-Q1
www.ti.com
SCLS521C
– AUGUST 2003 – REVISED JUNE 2011
TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Check for Samples: SN74LV4053A-Q1
1
FEATURES
Qualified for Automotive Applications
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
2-V to 5.5-V VCC Operation
Supports Mixed-Mode Voltage Operation on
All Ports
High On-Off Output-Voltage Ratio
Low Crosstalk Between Switches
Individual Switch Controls
Extremely Low Input Current
DESCRIPTION
This triple 2-channel CMOS analog multiplexer/demultiplexer is designed for 2-V to 5.5-V VCC operation.
The SN74LV4053A handles both analog and digital signals. Each channel permits signals with amplitudes up to
5.5 V (peak) to be transmitted in either direction.
Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for
analog-to-digital and digital-to-analog conversion systems.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SOIC
− D
Tape and reel
SN74LV4053ATDRQ1
L4053AQ
–40°C to 105°C
TSSOP
– PW
Tape and reel
SN74LV4053ATPWRQ1
L4053AQ
–40°C to 125°C
TSSOP
– PW
Tape and reel
SN74LV4053AQPWRQ1
4053AQ1
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
FUNCTION TABLE
INPUTS
ON
CHANNEL
INH
C
B
A
L
L
L
L
1Y0, 2Y0, 3Y0
L
L
L
H
1Y1, 2Y0, 3Y0
L
L
H
L
1Y0, 2Y1, 3Y0
L
L
H
H
1Y1, 2Y1, 3Y0
L
H
L
L
1Y0, 2Y0, 3Y1
L
H
L
H
1Y1, 2Y0, 3Y1
L
H
H
L
1Y0, 2Y1, 3Y1
L
H
H
H
1Y1, 2Y1, 3Y1
H
X
X
X
None
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2003–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LV4053A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4053A-Q1 TI-SN74LV4053A-Q1_15 Datasheet
1Mb / 18P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - SN74LV4053A-Q1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com