Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65200YFFR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65200YFFR
Description  LI BATTERY CHARGER WITH WLED DRIVER AND CURRENT SHUNT MONITOR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65200YFFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65200YFFR Datasheet HTML 6Page - Texas Instruments TPS65200YFFR Datasheet HTML 7Page - Texas Instruments TPS65200YFFR Datasheet HTML 8Page - Texas Instruments TPS65200YFFR Datasheet HTML 9Page - Texas Instruments TPS65200YFFR Datasheet HTML 10Page - Texas Instruments TPS65200YFFR Datasheet HTML 11Page - Texas Instruments TPS65200YFFR Datasheet HTML 12Page - Texas Instruments TPS65200YFFR Datasheet HTML 13Page - Texas Instruments TPS65200YFFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
TPS65200
SLVSA48 – APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VBAT = 3.6 V ±5%, TJ = 27ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
WLED PROTECTION
Under Voltage Lock Out (VSYS pin) VSYS falling
2.2
2.5
V
VUVLO
UVLO hysteresis
70
mV
VOVP
Over Voltage Protection threshold
35
37
39
V
ILIM
N-Channel MOSFET current limit
D = Dmax
560
700
840
mA
ILIM_Start
Startup current limit
D = Dmax
400
mA
tHALF_LIM
Time step for half current limit
5
ms
tREF
VREF filter time constant
180
µs
tstep
VREF ramp up time
213
µs
CURRENT SHUNT MONITOR
VCM
Common-mode input range
VCSIN = VCSOUT
-0.3
7
V
VCSIN = 2.7 V to 5 V, VCSIN – VCSOUT = 0
CMR
Common-mode rejection
100
dB
mV
TA = 0°C to 60°C
-75
75
VOS, CSM
Offset-voltage, referred to input
µV
TA = -20°C to 85°C
-85
85
Gain
25
V/V
G
Gain error
-1
1
%
Swing to positive power supply rail
VSYS - VSHNT
100
(VSYS)
VSHNT
mV
Swing to GND
VSHNT - VGND
100
GBW
Bandwidth
CLOAD = 10 pF
9
kHz
IVZERO
VZERO bias current
TA = -20°C to 85°C
10
nA
Swing to positive power supply rail
VSYS – VZERO
1.5
(VSYS)
VZERO
V
Swing to GND
VZERO - VGND
0.7
Under voltage lock out (VSYS pin)
VSYS falling
2.2
2.5
V
VUVLO
UVLO hysteresis
70
mV
LDO
LDO Output Voltage
VIN = 5.5V
4.8
4.9
5
V
VLDO
PSRR
f = 100 Hz, CLDO = 1.0 mF
60
dB
ILDO
Maximum LDO Output Current
60
mA
VDO
Dropout Voltage
VIN = 4.5 V, ILDO = 50 mA
100
250
mV
D+/D- DETECTION
D+ voltage source
0.5
0.6
0.7
V
VDP_SCR
D+ voltage source output current
250
µA
IDM_SINK
D- current sink
50
100
150
µA
DM pin, switch open
4.5
5
CI
Input capacitance
pF
DP pin, switch open
4.5
5
DM pin, switch open
-1
1
II
Input leakage
µA
DP pin, switch open
-1
1
VDP_LOW
DP low comparator threshold
0.8
V
VDM_HIGH
DM high comparator threshold
0.8
V
VDM_LOW
DM low comparator threshold
475
mV
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65200


Similar Part No. - TPS65200YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65200YFFR TI1-TPS65200YFFR Datasheet
2Mb / 63P
[Old version datasheet]   Li Battery Charger With WLED Driver and Current Shunt Monitor
More results

Similar Description - TPS65200YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65200 TI1-TPS65200_15 Datasheet
2Mb / 63P
[Old version datasheet]   Li Battery Charger With WLED Driver and Current Shunt Monitor
logo
Linear Technology
LTC4070 LINER-LTC4070 Datasheet
188Kb / 16P
   Li-Ion/Polymer Shunt Battery Charger System
LTC4070 LINER-LTC4070_15 Datasheet
224Kb / 16P
   Li-Ion/Polymer Shunt Battery Charger System
logo
Linear Integrated Syste...
LTC4071 LINEAR-LTC4071 Datasheet
247Kb / 18P
   Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
Linear Technology
LTC4071 LINER-LTC4071_15 Datasheet
247Kb / 18P
   Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
   WLED Linear Driver for Li-lon Battery Application
VER 1.2
logo
List of Unclassifed Man...
PJ3963 ETC-PJ3963 Datasheet
175Kb / 4P
   Li-battery charger
logo
Micro Analog systems
MAS6260 MAS-MAS6260 Datasheet
364Kb / 9P
   Li-ion and LiPo battery charger with LDO
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com