Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65191RHBR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS65191RHBR
Description  Triple High-Voltage Scan Driver for TFT-LCD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65191RHBR Datasheet(HTML) 4 Page - Texas Instruments

  TPS65191RHBR Datasheet HTML 1Page - Texas Instruments TPS65191RHBR Datasheet HTML 2Page - Texas Instruments TPS65191RHBR Datasheet HTML 3Page - Texas Instruments TPS65191RHBR Datasheet HTML 4Page - Texas Instruments TPS65191RHBR Datasheet HTML 5Page - Texas Instruments TPS65191RHBR Datasheet HTML 6Page - Texas Instruments TPS65191RHBR Datasheet HTML 7Page - Texas Instruments TPS65191RHBR Datasheet HTML 8Page - Texas Instruments TPS65191RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
STV
VON
VOFF
t
pr-STVP
t
pf-STVP
STVP
(VON+VOFF)/2
3.3V/2
80%
20%
Slew+
STVP
Slew
STVP
3.3V
2.5%
97.5%
T0441-01
TPS65191
SLVS963A – JULY 2009 – REVISED AUGUST 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VOFF = –10 V, VON = 30 V, EN = 3.3 V, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC CHARACTERISTICS
Slew–
Slew rate, Slew– STVP
30
55
V/ms
Slew+
Slew rate, Slew+ STVP
20
35
V/ms
Load = 4.7 nF (See Figure 1)
tpf
Propagation delay, tpf-STVP
40
100
ns
tpr
Propagation delay, tpr-STVP
30
100
ns
Figure 1. Switching Characteristics of STVP
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65191


Similar Part No. - TPS65191RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65190 TI-TPS65190 Datasheet
775Kb / 18P
[Old version datasheet]   10-Channel Level Shifter and VCOM Buffer
TPS65190RHDR TI-TPS65190RHDR Datasheet
775Kb / 18P
[Old version datasheet]   10-Channel Level Shifter and VCOM Buffer
TPS65192 TI-TPS65192 Datasheet
1Mb / 25P
[Old version datasheet]   9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
TPS65192RHDR TI-TPS65192RHDR Datasheet
1Mb / 25P
[Old version datasheet]   9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
TPS65192RHDT TI-TPS65192RHDT Datasheet
1Mb / 25P
[Old version datasheet]   9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
More results

Similar Description - TPS65191RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65193 TI-TPS65193 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High-Voltage Scan Driver for TFT-LCD
logo
Maxim Integrated Produc...
MAX17119 MAXIM-MAX17119 Datasheet
1Mb / 11P
   10-Channel Scan Driver for TFT LCD with GPM Function
2009
logo
Renesas Technology Corp
ISL24011 RENESAS-ISL24011 Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
ISL24010 RENESAS-ISL24010 Datasheet
501Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
logo
Intersil Corporation
ISL24011 INTERSIL-ISL24011_06 Datasheet
286Kb / 9P
   High Voltage TFT-LCD Logic Driver
ISL24011 INTERSIL-ISL24011 Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A_08 Datasheet
346Kb / 12P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A Datasheet
486Kb / 11P
   High Voltage TFT-LCD Logic Driver
ISL24010 INTERSIL-ISL24010 Datasheet
288Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com