Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR22-4 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCR22-4
Description  Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR22-4 Datasheet(HTML) 4 Page - Motorola, Inc

  MCR22-4 Datasheet HTML 1Page - Motorola, Inc MCR22-4 Datasheet HTML 2Page - Motorola, Inc MCR22-4 Datasheet HTML 3Page - Motorola, Inc MCR22-4 Datasheet HTML 4Page - Motorola, Inc MCR22-4 Datasheet HTML 5Page - Motorola, Inc MCR22-4 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MCR222 thru MCR228
4
Motorola Thyristor Device Data
0.4
0.5
0.6
0.7
0.8
100
0.3
–75
–50
0
25
75
50
125
–25
TJ, JUNCTION TEMPERATURE (°C)
FIGURE 5 — GATE TRIGGER VOLTAGE
VAK = 7.0 V
RL = 100
80
20
0
160
140
120
100
60
40
TJ, JUNCTION TEMPERATURE (°C)
FIGURE 7 — HOLDING CURRENT
1.0
5.0
2.0
–40
10
–20
VAK = 12 V
RL = 100 Ω
140
1.0
2.0
3.0
5.0
10
20
30
0
–40
–20
50
20
40
60
80
100
120
100
160
TJ JUNCTION TEMPERATURE (°C)
FIGURE 6 — TYPICAL GATE TRIGGER CURRENT
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
0.2
0.6
FIGURE 8 — POWER DISSIPATION
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
1.6
1.2
0.4
0
dc
1.4
120
°
1.0
90
°
0.8
180
°
60
°
30
°
TYPICAL CHARACTERISTICS


Similar Part No. - MCR22-4

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MCR22-4 DIGITRON-MCR22-4 Datasheet
290Kb / 4P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
MCR22-4 NJSEMI-MCR22-4 Datasheet
87Kb / 2P
   Silicon Controlled Rectifiers
More results

Similar Description - MCR22-4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com