Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65166RHAR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65166RHAR
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166RHAR Datasheet(HTML) 3 Page - Texas Instruments

  TPS65166RHAR Datasheet HTML 1Page - Texas Instruments TPS65166RHAR Datasheet HTML 2Page - Texas Instruments TPS65166RHAR Datasheet HTML 3Page - Texas Instruments TPS65166RHAR Datasheet HTML 4Page - Texas Instruments TPS65166RHAR Datasheet HTML 5Page - Texas Instruments TPS65166RHAR Datasheet HTML 6Page - Texas Instruments TPS65166RHAR Datasheet HTML 7Page - Texas Instruments TPS65166RHAR Datasheet HTML 8Page - Texas Instruments TPS65166RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
ELECTRICAL CHARACTERISTICS
TPS65166
www.ti.com.......................................................................................................................................................................................... SLVS976 – SEPTEMBER 2009
AVIN=VIN1=VIN2=VIN3=12V, EN1=EN2=VIN, VS=15V, Vlogic=3.3V, TA = –40°C to 85°C, typical values are at TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
8.5
14.7
V
IQIN
Quiescent current into AVIN, VIN1,2,3
Not switching, FB=FB+5%
1.2
mA
Isd
Shutdown current into AVIN, VIN1,2,3
EN1=EN2=GND
170
µA
VUVLO
Under-voltage lockout threshold
VIN falling
8.0
8.2
V
VUVLO
Under-voltage lockout threshold
VIN rising
8.2
8.5
V
Thermal shutdown
Temperature rising
150
°C
Thermal shutdown hysteresis
15
°C
LOGIC SIGNALS EN1, EN2, HVS
VIH
High level input voltage
VIN = 8.5V to 14.7V
1.7
V
VIL
Low level input voltage
VIN = 8.5V to 14.7V
0.4
V
II
Input leakage current
EN1=EN2=GND
0.01
0.1
µA
POWER GOOD
VIL
Low level voltage(1)
I(sink) = 500µA
0.3
V
Ilkg
Leakage current
VPG = 5.0V
0.01
0.1
µA
SEQUENCING DLY1, DLY2, and SOFT-START
Ichrg
DLY1, DLY2 charge current
Vthreshold = 1.24V
4
4.9
6.3
µA
Vthreshold
DLY1, DLY2 threshold voltage
1.21
1.24
1.27
V
Rdischrg
DLY1, DLY2 discharge resistor
3.2
k
ISS
Soft-start charge current
Vthreshold = 1.24V
8
10
12
µA
SWITCHING FREQUENCY
fs
Switching frequency
600
750
900
kHz
BOOST CONVERTER (Vs)
Vs
Output voltage range
19
V
Vswovp
Switch overvoltage protection
Vs rising
19.0
19.5
20
V
VFB1
Feedback regulation voltage
1.225
1.24
1.252
V
IFB1
Feedback input bias current
VFB1 = 1.24V
10
100
nA
RDS(on)
N-MOSFET on-resistance
ISW = 500mA
120
170
m
ILIM
N-MOSFET switch current limit
4.2
5.2
6.2
A
Ileak
Switch leakage current
Vsw = 15V
1
10
µA
ton
Minimum on time
80
ns
Line regulation
8.5V
≤ VIN ≤ 14.7V, Iout = 1mA
0.006
%/V
Load regulation
1mA
≤ Iout ≤ 2.0A
0.1
%/A
GATE DRIVE (GD) AND BOOST CONVERTER PROTECTION
VGDM
VIN – VGD
(2)
VIN = 12V, GD pulled down
5
6
7
V
I(GD)
Gate drive sink current
EN2 = high
10
µA
R(GD)
Gate drive internal pull up resistance
10
k
ton
Gate on time during short circuit
FB1 < 100mV
1.4
ms
BUCK CONVERTER (Vlogic)
Vlogic
Output voltage range
2.2
4.0
V
FB2 connected to resistor divider,
VFB2
Feedback regulation voltage
1.215
1.24
1.265
V
Iload = 10mA
IFB2
Feedback input bias current
VFB2 = 1.24V
10
100
nA
RDS(on)
N-MOSFET on-resistance
Isw3, Isw4 = 1.5A
150
250
m
(1)
PG goes high impedance once Vs and VONE are in regulation.
(2)
GD goes to VIN – VGD once the boost converter Vs is enabled.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS65166


Similar Part No. - TPS65166RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160A TI-TPS65160A Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160APWP TI-TPS65160APWP Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160APWPG4 TI-TPS65160APWPG4 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160APWPR TI-TPS65160APWPR Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
More results

Similar Description - TPS65166RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
logo
Global Mixed-mode Techn...
G5520 GMT-G5520 Datasheet
140Kb / 1P
   Bias Power Supply for TFT LCD Panels
G5520A GMT-G5520A Datasheet
186Kb / 1P
   Bias Power Supply for TFT LCD Panels
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBR TI-TPS65165RSBR Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com