Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65023-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65023-Q1
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65023-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65023-Q1 Datasheet HTML 1Page - Texas Instruments TPS65023-Q1 Datasheet HTML 2Page - Texas Instruments TPS65023-Q1 Datasheet HTML 3Page - Texas Instruments TPS65023-Q1 Datasheet HTML 4Page - Texas Instruments TPS65023-Q1 Datasheet HTML 5Page - Texas Instruments TPS65023-Q1 Datasheet HTML 6Page - Texas Instruments TPS65023-Q1 Datasheet HTML 7Page - Texas Instruments TPS65023-Q1 Datasheet HTML 8Page - Texas Instruments TPS65023-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
TPS65023-Q1
www.ti.com
SLVS927D
– MARCH 2009 – REVISED SEPTEMBER 2011
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Check for Samples: TPS65023-Q1
1
FEATURES
23
Qualified for Automotive Applications
Separate Enable Pins for Inductive Converters
1.5 A, 90% Efficient Step-Down Converter for
I2C
™ Compatible Serial Interface
Processor Core (VDCDC1)
85-
μA Quiescent Current
1.2 A, Up to 95% Efficient Step-Down
Low Ripple PFM Mode
Converter for System Voltage (VDCDC2)
Thermal Shutdown Protection
1.0 A, 92% Efficient Step-Down Converter for
40-Pin 5-mmx5-mm QFN (RSB) or
Memory Voltage (VDCDC3)
6-mmx6-mm QFN (RHA) Package
30 mA LDO/Switch for Real Time Clock (VRTC)
2
× 200 mA General-Purpose LDO
APPLICATIONS
Dynamic Voltage Management for Processor
Digital Media Players
Core
Internet Audio Player
Preselectable LDO Voltage Using Two Digital
Digital Still Camera
Input Pins
Digital Radio Player
Externally Adjustable Reset Delay Time
Supply DaVinci
™ DSP Family Solutions
Battery Backup Functionality
DESCRIPTION
The TPS65023 is an integrated Power Management IC for applications powered by one Li-Ion or Li-Polymer cell,
and which require multiple power rails. The TPS65023 provides three highly efficient, step-down converters
targeted at providing the core voltage, peripheral, I/O and memory rails in a processor based system. The core
converter allows for on-the-fly voltage changes via serial interface, allowing the system to implement dynamic
power savings. All three step-down converters enter a low-power mode at light load for maximum efficiency
across the widest possible range of load currents. The TPS65023 also integrates two general-purpose 200 mA
LDO voltage regulators, which are enabled with an external input pin. Each LDO operates with an input voltage
range between 1.5 V and 6.5 V, allowing them to be supplied from one of the step-down converters or directly
from the battery. The default output voltage of the LDOs can be digitally set to 4 different voltage combinations
using the DEFLDO1 and DEFLDO2 pins. The serial interface can be used for dynamic voltage scaling, masking
interrupts, or for dis/enabling and setting the LDO output voltages. The interface is compatible with the
Fast/Standard mode I2C specification, allowing transfers at up to 400 kHz. The TPS65023 is available in 40-pin
QFN packages (RHA and RSB), and operates over a free-air temperature of
–40°C to 125°C.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN
– RSB
Reel of 3000
TPS65023QRSBRQ1
TPS65023Q
–40°C to 125°C
QFN
– RHA
Reel of 2500
TPS65023QRHARQ1
65023QRHA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DaVinci, PowerPAD are trademarks of Texas Instruments.
3
I2C is a trademark of Philips Electronics.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65023-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results

Similar Description - TPS65023-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com