Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62402 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62402
Description  2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62402 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62402 Datasheet HTML 2Page - Texas Instruments TPS62402 Datasheet HTML 3Page - Texas Instruments TPS62402 Datasheet HTML 4Page - Texas Instruments TPS62402 Datasheet HTML 5Page - Texas Instruments TPS62402 Datasheet HTML 6Page - Texas Instruments TPS62402 Datasheet HTML 7Page - Texas Instruments TPS62402 Datasheet HTML 8Page - Texas Instruments TPS62402 Datasheet HTML 9Page - Texas Instruments TPS62402 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Internal
compensated
Error Amp.
Sawtooth
Generator
Skip Comp.Low
PWM
Comp.
Average
CurrentDetector
Skip ModeEntry
VREF
Control
Stage
GateDriver
PMOSCurrent
LimitComparator
NMOSCurrent
LimitComparator
LoadComparator
VREF-1%
FB
VOUT1
FB_VOUT
Undervoltage
Lockout
Thermal
Shutdown
Softstart
VIN
GND
MODE
Error Amp.
Sawtooth
Generator
PWM
Comp.
VREF
Control
Stage
GateDriver
PMOSCurrent
LimitComparator
NMOSCurrent
LimitComparator
LoadComparator
FB_VOUT2
Thermal
Shutdown
Softstart
VIN
GND
MODE
CLK180°
Easy Scale
Interface
CLK0°
CLK180°
2.25MHz
Oscillator
Converter1
Converter2
SW1
SW2
ADJ2
FB1
DEF1
Mode/
DATA
EN1
EN2
VIN
GND
Ext. res. network
Reference
Average
CurrentDetector
Skip ModeEntry
ACK
MOSFET
Opendrain
Internal
compensated
Skip Comp.
VREF+1%
FB_VOUT
Skip Comp.Low
VREF-1%
FB_VOUT
Skip Comp.
VREF+1%
FB_VOUT
Note1
RI1
RI..N
Int.Resistor
Network
C
ff
25pF
Register
DEF1_High
DEF1_Low
RI1
RI..N
Int.Resistor
Network
C
ff 25pF
Register
DEF2
Note2
TPS62400-Q1, TPS62401-Q1
TPS62402-Q1, TPS62403-Q1
TPS62404-Q1
SLVSA67 – FEBRUARY 2010
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
(1)
In fixed output voltage version, the PIN DEF_1 is connected to an internal digital input and disconnected from the
error amplifier
(2)
To set the output voltage of Converter 2 via EasyScale™ Interface, ADJ2 pin must be directly connected to VOUT2
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS62404-Q1


Similar Part No. - TPS62402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62402 TI-TPS62402 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402 TI-TPS62402 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402 TI-TPS62402 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402 TI1-TPS62402 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402 TI1-TPS62402 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results

Similar Description - TPS62402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com