Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62401 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62401
Description  2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62401 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62401 Datasheet HTML 7Page - Texas Instruments TPS62401 Datasheet HTML 8Page - Texas Instruments TPS62401 Datasheet HTML 9Page - Texas Instruments TPS62401 Datasheet HTML 10Page - Texas Instruments TPS62401 Datasheet HTML 11Page - Texas Instruments TPS62401 Datasheet HTML 12Page - Texas Instruments TPS62401 Datasheet HTML 13Page - Texas Instruments TPS62401 Datasheet HTML 14Page - Texas Instruments TPS62401 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
1.500
1.525
1.550
1.575
1.600
1.625
1.650
0.01
0.10
1
10
1000
I
-mA
OUT
MODE/DATA =low,PFMMode,voltagepositioningactive
MODE/DATA =high,forcedPWMMode
100
PWMMode
Operation
V
=1.575V
OUT1
V
=4.2V
IN
V
=3.6V
IN
V
=3.6V
IN
V
=4.2V
IN
V
=2.7V
IN
V
=2.7V
IN
1.746
1.764
1.782
1.800
1.818
1.836
1.854
0.01
0.10
1
10
100
1000
I
-mA
OUT
MODE/DATA =low,PFMMode,voltagepositioningactive
MODE/DATA =high,forcedPWMMode
PWMMode
Operation
V
=1.8V
OUT2
V
=5V
IN
V
=4.2V
IN
V
=3.6V
IN
V
=2.7V
IN
V
=3.6V
IN
V
=4.2V
IN
V
=5V
IN
V
=2.7V
IN
1.500
1.525
1.550
1.575
1.600
1.625
1.650
0.01
0.10
1
10
1000
I
-mA
OUT
MODE/DATA =low,PFMMode,voltagepositioningactive
MODE/DATA =high,forcedPWMMode
100
PWMMode
Operation
V
=1.575V
OUT1
V
=3.6V
IN
V
=4.2V
IN
V
=2.7V
IN
V
=4.2V
IN
V
=3.6V
IN
V
=2.7V
IN
2
2.05
2.1
2.15
2.2
2.25
2.3
2.35
2.4
2.45
2.5
2.5
3
3.5
4
4.5
5
5.5
6
V
-V
IN
-40°C
25°C
85°C
TPS62400-Q1, TPS62401-Q1
TPS62402-Q1, TPS62403-Q1
TPS62404-Q1
www.ti.com
SLVSA67 – FEBRUARY 2010
DC OUTPUT ACCURACY VOUT1 = 1.575V,
DC OUTPUT ACCURACY VOUT2 = 1.8V
L = 2.2mH, COUT = 22mF
Figure 11.
Figure 12.
DC OUTPUT ACCURACY VOUT1 = 1.575V,
L = 3.3mH, COUT = 10mF
FOSC vs VIN
Figure 13.
Figure 14.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS62404-Q1


Similar Part No. - TPS62401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62401 TI-TPS62401 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401 TI-TPS62401 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401 TI-TPS62401 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401 TI-TPS62401 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62401 TI1-TPS62401 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com