Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62366BYZHT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62366BYZHT
Description  4A Processor Supply with I2C Compatible Interface and Remote Sense
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62366BYZHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62366BYZHT Datasheet HTML 3Page - Texas Instruments TPS62366BYZHT Datasheet HTML 4Page - Texas Instruments TPS62366BYZHT Datasheet HTML 5Page - Texas Instruments TPS62366BYZHT Datasheet HTML 6Page - Texas Instruments TPS62366BYZHT Datasheet HTML 7Page - Texas Instruments TPS62366BYZHT Datasheet HTML 8Page - Texas Instruments TPS62366BYZHT Datasheet HTML 9Page - Texas Instruments TPS62366BYZHT Datasheet HTML 10Page - Texas Instruments TPS62366BYZHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
t
fDA
t
su;STA
Sr P
Sr
= MCS Current Source Pull-Up
= R(P) Resistor Pull-Up
SDAH
SCLH
Note A: First rising edge of the SCLH signal after Sr and after each acknowledge bit.
See Note A
See Note A
t
hd;STA
t
rDA
t
hd;DAT
t
fCL
t
fCL1
t
fCL
t
su;DAT
t
LOW
t
HIGH
t
LOW
t
HIGH
t
rCL1
t
su;STO
t
f
HIGH
S
SDA
SCL
t
hd;STA
t
hd;DAT
t
r
t
LOW
t
su;DAT
t
f
t
hd;STA
t
hd;STA
t
su;STO
t
r
Sr
P
S
t
BUF
TPS62366A, TPS62366B
www.ti.com
SLUSAX3 – JULY 2012
I
2C INTERFACE TIMING REQUIREMENTS(1) (continued)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Standard mode
20 + 0.1 CB
300
ns
Fast mode
20 + 0.1 CB
300
ns
tFDA
Fall time of SDA signal
High-speed mode, CB – 100 pF max
10
80
ns
High-speed mode, CB – 400 pF max
20
160
ns
Standard mode
4
μs
tSU, tSTO
Setup time for STOP condition
Fast mode
600
ns
High-speed mode
160
ns
CB
Capacitive load for SDA and SCL
400
pF
I
2C TIMING DIAGRAMS
Figure 1. Serial Interface Timing for F/S Mode
Figure 2. Serial Interface Timing for H/S Mode
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62366A TPS62366B


Similar Part No. - TPS62366BYZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360 TI1-TPS62360 Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62360 TI-TPS62360 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360 Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI-TPS62360 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - TPS62366BYZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360 TI1-TPS62360 Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62360_1108 TI-TPS62360_1108 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI-TPS62360_15 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_17 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_12 Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
logo
Texas Instruments
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com