Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62161DSGT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62161DSGT
Description  3V-17V 1A Step-Down Converters with DCS-ControlTM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62161DSGT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62161DSGT Datasheet HTML 4Page - Texas Instruments TPS62161DSGT Datasheet HTML 5Page - Texas Instruments TPS62161DSGT Datasheet HTML 6Page - Texas Instruments TPS62161DSGT Datasheet HTML 7Page - Texas Instruments TPS62161DSGT Datasheet HTML 8Page - Texas Instruments TPS62161DSGT Datasheet HTML 9Page - Texas Instruments TPS62161DSGT Datasheet HTML 10Page - Texas Instruments TPS62161DSGT Datasheet HTML 11Page - Texas Instruments TPS62161DSGT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0001
0.001
0.01
0.1
1
VIN=6V
VIN=12V
VIN=17V
Output Current (A)
VOUT=6.0V
L=2.2uH (VLF3012ST)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
7
8
9
10
11
12
13
14
15
16
17
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=1A
Input Voltage (V)
VOUT=6.0V
L=2.2uH (VLF3012ST)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0001
0.001
0.01
0.1
1
VIN=5V
VIN=12V
VIN=17V
Output Current (A)
VOUT=3.3V
L=2.2uH (VLF3012ST)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
4
5
6
7
8
9
10
11
12
13
14
15
16
17
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=1A
Input Voltage (V)
VOUT=3.3V
L=2.2uH (VLF3012ST)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0001
0.001
0.01
0.1
1
VIN=5V
VIN=12V
VIN=17V
Output Current (A)
VOUT=1.8V
L=2.2uH (VLF3012ST)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=500mA
Input Voltage (V)
VOUT=1.8V
L=2.2uH (VLF3012ST)
Cout=22uF
G001
TPS62160
TPS62161, TPS62162, TPS62163
SLVSAM2A – NOVEMBER 2011 – REVISED MARCH 2012
www.ti.com
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 5. Vout=6V
Figure 6. Vout=6V
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 7. Vout=3.3V
Figure 8. Vout=3.3V
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 9. Vout=1.8V
Figure 10. Vout=1.8V
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62160 TPS62161 TPS62162 TPS62163


Similar Part No. - TPS62161DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62161 TI1-TPS62161 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
More results

Similar Description - TPS62161DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62150A-Q1 TI-TPS62150A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
logo
Linear Technology
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com