Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62404-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62404-Q1
Description  2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62404-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62404-Q1 Datasheet HTML 1Page - Texas Instruments TPS62404-Q1 Datasheet HTML 2Page - Texas Instruments TPS62404-Q1 Datasheet HTML 3Page - Texas Instruments TPS62404-Q1 Datasheet HTML 4Page - Texas Instruments TPS62404-Q1 Datasheet HTML 5Page - Texas Instruments TPS62404-Q1 Datasheet HTML 6Page - Texas Instruments TPS62404-Q1 Datasheet HTML 7Page - Texas Instruments TPS62404-Q1 Datasheet HTML 8Page - Texas Instruments TPS62404-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
TPS62400-Q1, TPS62401-Q1
TPS62402-Q1, TPS62403-Q1
TPS62404-Q1
SLVSA67 – FEBRUARY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
PART
DEFAULT OUTPUT
OUTPUT
QFN
PACKAGE
TJ
ORDERING(2)
NUMBER
VOLTAGE (1)
CURRENT
PACKAGE
MARKING
OUT1
400mA
TPS62400
Adjustable
DRC
TPS62400QDRCQ1
PREVIEW
OUT2
600mA
DEF_1 = High 1.1V
Fixed
OUT1
400mA
default
TPS62401
DEF_1 = Low 1.575V
DRC
TPS62401QDRCQ1
PREVIEW
OUT2
Fixed default 1.8V
600mA
OUT1
DEF_1 = High 1.8V
Fixed
400mA
default
TPS62402
DEF_1 = Low 1.2V
DRC
TPS62402QDRCQ1
PREVIEW
–40°C to
125°C
OUT2
Fixed default 3.3V
600mA
DEF_1 = High 1.1V
Fixed
OUT1
400mA
default
TPS62403
DEF_1 = Low 1.575V
DRC
TPS62403QDRCQ1
PREVIEW
OUT2
Fixed default 2.8V
600mA
DEF_1 = High 1.9V
Fixed
OUT1
400mA
default
TPS62404
DEF_1 = Low 1.575V
DRC
TPS62404QDRCQ1
OET
OUT2
Fixed default 3.3V
600mA
(1)
Contact TI for other fixed output voltage options.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Input voltage range on VIN
(2)
–0.3 to 7
V
Voltage range on EN, MODE/DATA, DEF_1
–0.3 to VIN +0.3, ≤ 7
V
current into MODE/DATA
≤ 0.5
mA
Voltage on SW1, SW2
–0.3 to 7
V
Voltage on ADJ2, FB1
–0.3 to VIN +0.3, ≤ 7
V
TJ(max)
Maximum operating junction temperature
150
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
DISSIPATION RATINGS
PACKAGE
RqJA
POWER RATING FOR TA ≤ 25°C
DERATING FACTOR ABOVE TA = 25°C
DRC
49°C/W
2050mW
21mW/°C
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS62404-Q1


Similar Part No. - TPS62404-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results

Similar Description - TPS62404-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com