Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62173 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62173
Description  3-17V 0.5A Step-Down Converter with DCS-ControlTM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62173 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62173 Datasheet HTML 1Page - Texas Instruments TPS62173 Datasheet HTML 2Page - Texas Instruments TPS62173 Datasheet HTML 3Page - Texas Instruments TPS62173 Datasheet HTML 4Page - Texas Instruments TPS62173 Datasheet HTML 5Page - Texas Instruments TPS62173 Datasheet HTML 6Page - Texas Instruments TPS62173 Datasheet HTML 7Page - Texas Instruments TPS62173 Datasheet HTML 8Page - Texas Instruments TPS62173 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
22uF
1.8V / 0.5A
10uF
2.2µH
TPS62171
VIN
EN
AGND
PGND
SW
VOS
PG
FB
100k
(3 .. 17)V
TPS62170, TPS62171
TPS62172, TPS62173
www.ti.com
SLVSAT8A – NOVEMBER 2011 – REVISED APRIL 2012
3-17V 0.5A Step-Down Converter with DCS-ControlTM
Check for Samples: TPS62170, TPS62171, TPS62172, TPS62173
1
FEATURES
DESCRIPTION
The TPS6217X family is an easy to use synchronous
DCS-ControlTM Topology
step
down
DC-DC
converter
optimized
for
Input Voltage Range: 3 to 17 V
applications with high power density. A high switching
Up to 500 mA Output Current
frequency of typically 2.25MHz allows the use of
small inductors and provides fast transient response
Adjustable Output Voltage from 0.9 to 6 V
as well as high output voltage accuracy by utilization
Fixed Output Voltage Versions
of the DCS-Control™ topology.
Seamless Power Save Mode Transition
With its wide operating input voltage range of 3V to
Typically 17µA Quiescent Current
17V, the devices are ideally suited for systems
Power Good Output
powered from either a Li-Ion or other battery as well
as from 12V intermediate power rails. It supports up
100% Duty Cycle Mode
to 0.5A continuous output current at output voltages
Short Circuit Protection
between 0.9V and 6V (with 100% duty cycle mode).
Over Temperature Protection
Power sequencing is also possible by configuring the
Available in a 2 × 2 mm, WSON-8 Package
Enable and open-drain Power Good pins.
In Power Save Mode, the devices show quiescent
APPLICATIONS
current of about 17
μA from VIN. Power Save Mode,
Standard 12V Rail Supplies
entered automatically and seamlessly if load is small,
POL Supply from Single or Multiple Li-Ion
maintains high efficiency over the entire load range.
In Shutdown Mode, the device is turned off and
Battery
shutdown current consumption is less than 2
μA.
LDO Replacement
The device, available in adjustable and fixed output
Embedded Systems
voltage versions, is packaged in an 8-pin WSON
Digital Still Camera, Video
package measuring 2 × 2 mm (DSG).
Mobile PC's, Tablet, Modems
spacing
spacing
Figure 1. Typical Application and Efficiency
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62173DSGR TI1-TPS62173DSGR Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
TPS62173DSGT TI1-TPS62173DSGT Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
More results

Similar Description - TPS62173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62150A-Q1 TI-TPS62150A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com