Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62170 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62170
Description  3-17V 0.5A Step-Down Converter with DCS-ControlTM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62170 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62170 Datasheet HTML 1Page - Texas Instruments TPS62170 Datasheet HTML 2Page - Texas Instruments TPS62170 Datasheet HTML 3Page - Texas Instruments TPS62170 Datasheet HTML 4Page - Texas Instruments TPS62170 Datasheet HTML 5Page - Texas Instruments TPS62170 Datasheet HTML 6Page - Texas Instruments TPS62170 Datasheet HTML 7Page - Texas Instruments TPS62170 Datasheet HTML 8Page - Texas Instruments TPS62170 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
8
PG
SW
VOS
FB
Exposed
Thermal
Pad
PGND
VIN
EN
AGND
7
6
5
2
3
1
4
TPS62170, TPS62171
TPS62172, TPS62173
SLVSAT8A – NOVEMBER 2011 – REVISED APRIL 2012
www.ti.com
DEVICE INFORMATION
DSG PACKAGE
(TOP VIEW)
Terminal Functions
PIN(1)
I/O
DESCRIPTION
NAME
NO.
PGND
1
Power ground
VIN
2
I
Supply voltage
EN
3
I
Enable input (High = enabled, Low = disabled)
AGND
4
Analog Ground
FB
5
I
Voltage feedback of adjustable version. Connect resistive voltage divider to this pin. It is recommended to
connect FB to AGND on fixed output voltage versions for improved thermal performance.
VOS
6
I
Output voltage sense pin and connection for the control loop circuitry.
Switch node, which is connected to the internal MOSFET switches. Connect inductor between SW and
SW
7
O
output capacitor.
PG
8
O
Output power good (High = VOUT ready, Low = VOUT below nominal regulation) ; open drain (requires
pull-up resistor; goes high impedance, when device is switched off)
Exposed
Must be connected to AGND. Must be soldered to achieve appropriate power dissipation and mechanical
Thermal Pad
reliability.
(1)
For more information about connecting pins, see DETAILED DESCRIPTION and APPLICATION INFORMATION sections.
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62170 TPS62171 TPS62172 TPS62173


Similar Part No. - TPS62170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-V to17-V 0.5-A Step-Down Converters with DCS-Control
TPS62170-Q1 TI1-TPS62170-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   3-V to17-V 0.5-A Step-Down Converters with DCS-Control
TPS62170DSG TI1-TPS62170DSG Datasheet
1Mb / 15P
[Old version datasheet]   TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
TPS62170DSGR TI1-TPS62170DSGR Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
TPS62170DSGT TI1-TPS62170DSGT Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
More results

Similar Description - TPS62170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62150A-Q1 TI-TPS62150A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com