Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61222DCK Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS61222DCK
Description  LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61222DCK Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61222DCK Datasheet HTML 2Page - Texas Instruments TPS61222DCK Datasheet HTML 3Page - Texas Instruments TPS61222DCK Datasheet HTML 4Page - Texas Instruments TPS61222DCK Datasheet HTML 5Page - Texas Instruments TPS61222DCK Datasheet HTML 6Page - Texas Instruments TPS61222DCK Datasheet HTML 7Page - Texas Instruments TPS61222DCK Datasheet HTML 8Page - Texas Instruments TPS61222DCK Datasheet HTML 9Page - Texas Instruments TPS61222DCK Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TYPICAL CHARACTERISTICS
Table of Graphs
0.01
0.1
1
10
100
I -OutputCurrent-mA
O
0
10
20
30
40
50
60
70
80
90
100
V =0.7V
I
V =1.2V
I
V =1.5V
I
V
=1.8V
O
0
50
100
150
200
250
300
0.7
1.2
1.7
2.2
2.7
3.2
3.7
4.2
4.7
V -InputVoltage-V
I
TPS61221V
=3.3V
O
TPS61220V
=1.8V
O
TPS61222V
=5V
O
TPS61220
TPS61221
TPS61222
SLVS776 – JANUARY 2009 ............................................................................................................................................................................................... www.ti.com
FIGURE
Maximum Output Current
vs Input Voltage (TPS61220, TPS61221, TPS61222)
1
vs Output Current, VOUT = 1.8 V, VIN = [0.7 V; 1.2 V; 1.5 V] (TPS61220)
2
vs Output Current, VIN = [0.7 V; 1.2 V; 2.4 V; 3 V] (TPS61221)
3
vs Output Current, VIN = [0.7 V; 1.2 V; 2.4V; 3.6 V; 4.2 V] (TPS61222)
4
Efficiency
vs Input Voltage, VOUT = 1.8 V, IOUT = [100 uA; 1 mA; 10 mA; 50 mA]
5
(TPS61220)
vs Input Voltage, IOUT = [100 uA; 1 mA; 10 mA; 50 mA] (TPS61221)
6
vs Input Voltage, IOUT = [100 uA; 1 mA; 10 mA; 50 mA] (TPS61222)
7
Input Current
at No Output Load, Device Enabled (TPS61220, TPS61221, TPS61222)
8
vs Output Current, VOUT = 1.8 V, VIN = [0.7 V; 1.2 V] (TPS61220 )
9
vs Output Current, VIN = [0.7 V; 1.2 V; 2.4 V] (TPS61221)
10
Output Voltage
vs Output Current, VIN = [0.7 V; 1.2 V; 2.4 V; 3.6 V] (TPS61222)
11
vs Input Voltage, Device Disabled, RLOAD = [1 kΩ; 10 kΩ] (TPS6122x)
12
Output Voltage Ripple, VIN = 0.8 V, VOUT = 1.8 V, IOUT = 20 mA (TPS61220)
13
Output Voltage Ripple VIN = 1.8 V, IOUT = 50mA (TPS61221)
14
Load Transient Response, VIN = 1.2 V, IOUT = 6 mA to 50 mA (TPS61221)
15
Load Transient Response, VIN = 2.4 V, IOUT = 14 mA to 126 mA (TPS61222)
16
Line Transient Response, VIN = 1.8 V to 2.4 V, RLOAD = 100 Ω (TPS61221)
17
Line Transient Response, VIN = 2.8 V to 3.6 V, RLOAD = 100 Ω (TPS61222)
18
Waveforms
Startup after Enable, VIN = 0.7 V, VOUT = 1.8 V, RLOAD = 150 Ω (TPS61220)
19
Startup after Enable, VIN = 0.7 V, RLOAD = 150 Ω, (TPS61222)
20
Continuous Current Operation, VIN = 1.2 V, VOUT = 1.8 V, IOUT = 50mA
21
(TPS61220 )
Discontinuous Current Operation, VIN = 1.2 V, VOUT = 1.8 V, IOUT = 10mA
22
(TPS61220)
MAXIMUM OUTPUT CURRENT vs
EFFICIENCY vs
INPUT VOLTAGE (TPS61220, TPS61221, TPS61222)
OUTPUT CURRENT AND INPUT VOLTAGE (TPS61220)
Figure 1.
Figure 2.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS61220 TPS61221 TPS61222


Similar Part No. - TPS61222DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222 TI-TPS61222 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61222-EP TI1-TPS61222-EP Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222MDCKTEP TI1-TPS61222MDCKTEP Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
More results

Similar Description - TPS61222DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61225DCKT TI1-TLV61225DCKT Datasheet
765Kb / 18P
[Old version datasheet]   SINGLE CELL HIGH EFFICIENT STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TLV61224 TI1-TLV61224 Datasheet
775Kb / 17P
[Old version datasheet]   Single Cell High Efficient Step-Up Converter in 6 Pin SC-70 Package
MARCH2011
TLV61225 TI-TLV61225 Datasheet
826Kb / 18P
[Old version datasheet]   SINGLE CELL HIGH EFFICIENT STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TLV61225 TI-TLV61225_15 Datasheet
1Mb / 21P
[Old version datasheet]   TLV61225 Single-Cell High-Efficient Step-Up Converter in 6-Pin SC-70 Package
TLV61224 TI-TLV61224_15 Datasheet
1Mb / 22P
[Old version datasheet]   TLV61224 Single-Cell, High-Efficient, Step-Up Converter in 6-Pin SC-70 Package
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TLV61220 TI-TLV61220_15 Datasheet
1Mb / 24P
[Old version datasheet]   TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
logo
Advanced Analogic Techn...
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265 Datasheet
382Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265_07 Datasheet
339Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com