Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVC16269DGGR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AVC16269DGGR
Description  12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC16269DGGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AVC16269DGGR Datasheet HTML 3Page - Texas Instruments SN74AVC16269DGGR Datasheet HTML 4Page - Texas Instruments SN74AVC16269DGGR Datasheet HTML 5Page - Texas Instruments SN74AVC16269DGGR Datasheet HTML 6Page - Texas Instruments SN74AVC16269DGGR Datasheet HTML 7Page - Texas Instruments SN74AVC16269DGGR Datasheet HTML 8Page - Texas Instruments SN74AVC16269DGGR Datasheet HTML 9Page - Texas Instruments SN74AVC16269DGGR Datasheet HTML 10Page - Texas Instruments SN74AVC16269DGGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
Electrical Characteristics
Timing Requirements
SN74AVC16269
12-BIT TO 24-BIT REGISTERED BUS EXCHANGER
WITH 3-STATE OUTPUTS
SCES152G – DECEMBER 1998 – REVISED MAY 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
IOHS = –100 µA
1.4 V to 3.6 V
VCC – 0.2
IOHS = –2 mA,
VIH = 0.91 V
1.4 V
1.05
VOH
IOHS = –4 mA,
VIH = 1.07 V
1.65 V
1.2
V
IOHS = –8 mA,
VIH = 1.7 V
2.3 V
1.75
IOHS = –12 mA,
VIH = 2 V
3 V
2.3
IOLS = 100 µA
1.4 V to 3.6 V
0.2
IOLS = 2 mA,
VIL = 0.49 V
1.4 V
0.4
VOL
IOLS = 4 mA,
VIL = 0.57 V
1.65 V
0.45
V
IOLS = 8 mA,
VIL = 0.7 V
2.3 V
0.55
IOLS = 12 mA,
VIL = 0.8 V
3 V
0.7
II
Control inputs
VI = VCC or GND
3.6 V
±2.5
µA
Ioff
VI or VO = 3.6 V
0
±10
µA
IOZ(2)
VO = VCC or GND
3.6 V
±12.5
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
2.5 V
3.5
Ci
Control inputs
VI = VCC or GND
pF
3.3 V
3.5
2.5 V
8.5
Cio
A or B ports
VO = VCC or GND
pF
3.3 V
8.5
(1)
Typical values are measured at TA = 25°C.
(2)
For I/O ports, the parameter IOZ includes the input leakage current.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2 through Figure 5)
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.2 V
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
UNIT
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
75
125
175
MHz
tw
Pulse duration, CLK high or low
5.8
5
3.5
ns
A data before CLK
4.7
3.9
2.6
2.1
1.9
B data before CLK
6.2
4.3
3
2.1
1.9
SEL before CLK
4.5
3.4
2.2
1.6
1.3
tsu
Setup time
ns
CLKENA1 or CLKENA2 before
0.9
0.9
1
1.1
1.1
CLK
OE before CLK
5.4
5.3
2
1.6
1.1
A data after CLK
1.9
2
1.2
1.1
1
B data after CLK
0.4
1.3
0.5
0.6
0.7
SEL after CLK
1
1
0.4
0.3
0.4
th
Hold time
ns
CLKENA1 or CLKENA2 after
2.6
2.2
1.4
1.1
1
CLK
OE after CLK
0.4
0.4
0.4
0.5
0.3
7


Similar Part No. - SN74AVC16269DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16244 TI-SN74AVC16244 Datasheet
303Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16244DGGR TI-SN74AVC16244DGGR Datasheet
303Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16244DGGR TI1-SN74AVC16244DGGR Datasheet
829Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16244DGVR TI-SN74AVC16244DGVR Datasheet
303Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16244DGVR TI1-SN74AVC16244DGVR Datasheet
829Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AVC16269DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16269 TI-SN74ALVCH16269_07 Datasheet
441Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC162268 TI1-SN74ALVC162268 Datasheet
199Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16270 HITACHI-HD74ALVCH16270 Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com