Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP2G17DSFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G17DSFR
Description  LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G17DSFR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUP2G17DSFR Datasheet HTML 1Page - Texas Instruments SN74AUP2G17DSFR Datasheet HTML 2Page - Texas Instruments SN74AUP2G17DSFR Datasheet HTML 3Page - Texas Instruments SN74AUP2G17DSFR Datasheet HTML 4Page - Texas Instruments SN74AUP2G17DSFR Datasheet HTML 5Page - Texas Instruments SN74AUP2G17DSFR Datasheet HTML 6Page - Texas Instruments SN74AUP2G17DSFR Datasheet HTML 7Page - Texas Instruments SN74AUP2G17DSFR Datasheet HTML 8Page - Texas Instruments SN74AUP2G17DSFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN74AUP2G17
SCES750A – SEPTEMBER 2009 – REVISED MAY 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–20
mA
VCC = 1.1 V
–1.1
VCC = 1.4 V
–1.7
IOH
High-level output current
VCC = 1.65
–1.9
mA
VCC = 2.3 V
–3.1
VCC = 3 V
–4
VCC = 0.8 V
20
mA
VCC = 1.1 V
1.1
VCC = 1.4 V
1.7
IOL
Low-level output current
VCC = 1.65 V
1.9
mA
VCC = 2.3 V
3.1
VCC = 3 V
4
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G17


Similar Part No. - SN74AUP2G17DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G17 TI1-SN74AUP2G17 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
More results

Similar Description - SN74AUP2G17DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER BUFFER
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17_09 Datasheet
599Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17-Q1 TI-SN74LVC2G17-Q1 Datasheet
129Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI-SN74LVC2G17_10 Datasheet
600Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI-SN74LVC2G17 Datasheet
326Kb / 13P
[Old version datasheet]   DUAL SCHMITT TRIGGER BUFFER
logo
ON Semiconductor
NLX2G17 ONSEMI-NLX2G17 Datasheet
97Kb / 8P
   Dual Schmitt-Trigger Buffer
March, 2008 - Rev. 0
logo
Texas Instruments
SN74LVC2G17-EP TI1-SN74LVC2G17-EP Datasheet
542Kb / 12P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17 Datasheet
141Kb / 5P
   DUAL SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com