Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS57160QDRCRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS57160QDRCRQ1
Description  1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57160QDRCRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS57160QDRCRQ1 Datasheet HTML 1Page - Texas Instruments TPS57160QDRCRQ1 Datasheet HTML 2Page - Texas Instruments TPS57160QDRCRQ1 Datasheet HTML 3Page - Texas Instruments TPS57160QDRCRQ1 Datasheet HTML 4Page - Texas Instruments TPS57160QDRCRQ1 Datasheet HTML 5Page - Texas Instruments TPS57160QDRCRQ1 Datasheet HTML 6Page - Texas Instruments TPS57160QDRCRQ1 Datasheet HTML 7Page - Texas Instruments TPS57160QDRCRQ1 Datasheet HTML 8Page - Texas Instruments TPS57160QDRCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
TPS57160-Q1
SLVSAP1C – DECEMBER 2010 – REVISED AUGUST 2012
www.ti.com
PACKAGE DISSIPATION RATINGS
(1)
θJA, THERMAL IMPEDANCE,
PACKAGE
JUNCTION TO AMBIENT
DGQ (MSOP)
57°C/W
DRC (SON)
56.5°C/W
(1)
Test board conditions:
A. 3 inch × 3 inch, two layers, 0.062-inch thickness
B. 2-ounce copper traces located on the top and bottom of the PCB
C. Six (13-mil diameter) thermal vias located under the device package
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 150°C, VIN = 3.5 V to 60 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
3.5
60
V
Internal undervoltage lockout
No voltage hysteresis, rising and falling
2.5
V
threshold
EN = 0 V, 25°C, 3.5 V
≤ VIN ≤ 60 V
1.5
4
Shutdown supply current
EN = 0 V, 125°C, 3.5 V
≤ VIN ≤ 60 V
1.9
6.5
μA
Operating nonswitching supply
VSENSE = 0.83 V, VIN = 12 V, TJ = 25°C
116
136
current
ENABLE AND UVLO (EN PIN)
No voltage hysteresis, rising and falling,
Enable threshold voltage
1.15
1.25
1.36
V
TJ = 25°C
Enable threshold +50 mV
–3.8
Input current
μA
Enable threshold –50 mV
–0.9
Hysteresis current
–2.9
μA
VOLTAGE REFERENCE
TJ = 25°C
0.792
0.8
0.808
Voltage reference
V
0.784
0.8
0.816
HIGH-SIDE MOSFET
VIN = 3.5 V, BOOT-PH = 3 V
300
On-resistance
m
VIN = 12 V, BOOT-PH = 6 V
200
410
ERROR AMPLIFIER
Input current
50
nA
Error amplifier transconductance (gM) –2 μA < ICOMP < 2 μA, VCOMP = 1 V
97
μMhos
–2
μA < ICOMP < 2 μA, VCOMP = 1 V,
Error amplifier transconductance (gM)
26
μMhos
during slow start
VVSENSE = 0.4 V
Error amplifier dc gain
VVSENSE = 0.8 V
10,000
V/V
Error amplifier bandwidth
2700
kHz
Error amplifier source/sink
V(COMP) = 1 V, 100-mV overdrive
±7
μA
COMP to switch current
6
A/V
transconductance
CURRENT LIMIT
Current limit threshold
VIN = 12 V, TJ = 25°C
1.8
2.7
A
THERMAL SHUTDOWN
Thermal shutdown
182
°C
4
Copyright © 2010–2012, Texas Instruments Incorporated


Similar Part No. - TPS57160QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57160QDRCRQ1 TI1-TPS57160QDRCRQ1 Datasheet
2Mb / 54P
[Old version datasheet]   1.5-A 60-V Step-Down DC-DC Converter With Eco-mode Control
More results

Similar Description - TPS57160QDRCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_11 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, STEP-DOWN SWIFT DC/DC CONVERTER WITH ECO-MODE
TPS54160A TI1-TPS54160A_13 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT DC/DC Converter with Eco-mode
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS54140-Q1 TI1-TPS54140-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57160-Q1 TI1-TPS57160-Q1_16 Datasheet
2Mb / 54P
[Old version datasheet]   1.5-A 60-V Step-Down DC-DC Converter With Eco-mode Control
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com