Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS57160QDGQRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS57160QDGQRQ1
Description  1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS57160QDGQRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS57160QDGQRQ1 Datasheet HTML 1Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 2Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 3Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 4Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 5Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 6Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 7Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 8Page - Texas Instruments TPS57160QDGQRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
TPS57160-Q1
SLVSAP1C – DECEMBER 2010 – REVISED AUGUST 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
MSOP – DGQ
Reel of 2500
TPS57160QDGQRQ1
5716Q
–40°C to 150°C
SON – DRC
Reel of 3000
TPS57160QDRCRQ1
5716Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating temperature range (unless otherwise noted)
VALUE
VIN
–0.3 V to 65 V
EN(2)
–0.3 V to 5 V
BOOT
73 V
VSENSE
–0.3 V to 3 V
VIN
Input voltage
COMP
–0.3 V to 3 V
PWRGD
–0.3 V to 6 V
SS/TR
–0.3 V to 3 V
RT/CLK
–0.3 V to 3.6 V
BOOT to PH
8 V
–0.6 V to 65 V
VOUT
Output voltage
200 ns
–1 V to 65 V
PH
30 ns
–2 V to 65 V
Maximum dc voltage, TJ = -40°C
–0.85 V
VDIFF
Differential voltage
PAD to GND
±200 mV
EN
100
μA
BOOT
100 mA
ISOURCE
Source current
VSENSE
10
μA
PH
Current Limit
RT/CLK
100
μA
VIN
Current Limit
COMP
100
μA
ISINK
Sink current
PWRGD
10 mA
SS/TR
200
μA
TJ
Operating junction temperature range
–40°C to 150°C
TSTG
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure beyond
absolute maximum rated conditions for extended periods may affect device reliability.
(2)
See Enable and Adjusting Undervoltage Lockout for details.
2
Copyright © 2010–2012, Texas Instruments Incorporated


Similar Part No. - TPS57160QDGQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57160QDGQRQ1 TI1-TPS57160QDGQRQ1 Datasheet
2Mb / 54P
[Old version datasheet]   1.5-A 60-V Step-Down DC-DC Converter With Eco-mode Control
More results

Similar Description - TPS57160QDGQRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_11 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, STEP-DOWN SWIFT DC/DC CONVERTER WITH ECO-MODE
TPS54160A TI1-TPS54160A_13 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT DC/DC Converter with Eco-mode
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS54140-Q1 TI1-TPS54140-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57160-Q1 TI1-TPS57160-Q1_16 Datasheet
2Mb / 54P
[Old version datasheet]   1.5-A 60-V Step-Down DC-DC Converter With Eco-mode Control
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com