Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6681G Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6681G
Description  5 Amp 18-36V Input Integrated Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6681G Datasheet(HTML) 3 Page - Texas Instruments

  PT6681G Datasheet HTML 1Page - Texas Instruments PT6681G Datasheet HTML 2Page - Texas Instruments PT6681G Datasheet HTML 3Page - Texas Instruments PT6681G Datasheet HTML 4Page - Texas Instruments PT6681G Datasheet HTML 5Page - Texas Instruments PT6681G Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT6680 Series
Adjusting the Output Voltage of the
PT6680 5Amp 18-36V Bus Converter Series
The output voltage of the Power Trends PT6680 Series
ISRs may be adjusted higher or lower than the factory
trimmed pre-set voltage with the addition of a single
external resistor 1. Table 1 gives the respective allowable
adjustment range for each model in the series as V
a (min)
and V
a (max).
Adjust Up:
An increase in the output voltage is
obtained by adding a resistor R2, between pin 14 (V
o ad-
just) and pins 7-10 (GND).
Adjust Down:
Add a resistor (R1), between pin 14 (V
o
adjust) and pins 11-13 (V
out).
Refer to Figure 1 and Table 2 for both the placement and value
of the required resistor, either (R1) or R2 as appropriate.
Notes:
1. Use only a single 1% resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as possible.
2. Never connect capacitors from V
o adjust to either GND,
V
out, or the Remote Sense pin. Any capacitance added to
the V
o adjust pin will affect the stability of the ISR.
3. If the Remote Sense feature is being used, connecting the
resistor (R1) between pin 14 (V
o adjust) and pin 1 (Remote
Sense) can benefit load regulation.
4. For output voltages above 10.0Vdc, the maximum output
current must be limited to 4Adc.
5. Adjustments to the output voltage may place additional
limits on the input voltage for the part. The revised limits
must comply with the following requirements.
V
in (min)
= (V
out + 3)V or 18V,
whichever is higher.
V
in (max)
= (10 x V
out )V or 36V,
whichever is less.
The values of (R1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulae.
Ro (Vo – 1.25)(Va – 1.25)
(R1)
=
1.25 (Vo – Va)
– Rs
k
Ro (Vo – 1.25)
– Rs
k
R2
=
Va - Vo
Where: V
o
= Original output voltage
V
a
= Adjusted output voltage
R
o
= The resistance value in Table 1
R
s
= The series resistance from Table 1
Figure 1
Table 1
PT6680 ADJUSTMENT AND FORMULA PARAMETERS
Series Pt #
PT6682
PT6681
PT6683
PT6684
PT6686
PT6685
Vo (nom)
2.5V
3.3V
5.0V
9.0V
12.0V
15.0V
Va (min)
1.8V
2.2V
3.0V
6.0V
9.0V
10.0V
Va (max)
4.3V
4.7V
6.5V
10.2V
13.6V
17.0V
Ro (k
Ω)
4.99
4.22
2.49
2.02.02.0
Rs (k
Ω)
2.49
4.99
4.99
12.7
12.7
12.7
C
in
+
C
out
+
(R1)
Adj Down
R2
Adjust
Up
Vo
COM
COM
Vin
L
O
A
D
PT6680
11,12,13
14
7,8,9,10
4,5,6
Vin
V o
G N D
Vo(adj)
STBY
3
Vsense
1


Similar Part No. - PT6681G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6681 TI1-PT6681 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
PT6681B TI1-PT6681B Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
More results

Similar Description - PT6681G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6650 TI-PT6650 Datasheet
242Kb / 5P
[Old version datasheet]   5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6620 TI-PT6620 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT7706 TI-PT7706 Datasheet
180Kb / 3P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7705 TI-PT7705 Datasheet
200Kb / 4P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7707 TI-PT7707 Datasheet
199Kb / 4P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT5120 TI1-PT5120 Datasheet
474Kb / 4P
[Old version datasheet]   1 AMP LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6705 TI-PT6705 Datasheet
358Kb / 6P
[Old version datasheet]   13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com