Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6346A Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6346A
Description  6-A 12-V Input Adjustable Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6346A Datasheet(HTML) 5 Page - Texas Instruments

  PT6346A Datasheet HTML 1Page - Texas Instruments PT6346A Datasheet HTML 2Page - Texas Instruments PT6346A Datasheet HTML 3Page - Texas Instruments PT6346A Datasheet HTML 4Page - Texas Instruments PT6346A Datasheet HTML 5Page - Texas Instruments PT6346A Datasheet HTML 6Page - Texas Instruments PT6346A Datasheet HTML 7Page - Texas Instruments PT6346A Datasheet HTML 8Page - Texas Instruments PT6346A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Capacitor Recommendations for
the PT6340
6A Excalibur™ Regulator Series
Input Capacitors:
Output Current
≤≤≤≤≤4A Continuous (Table 1)
The recommended input capacitance is determined by
740 milli-amperes (rms) minimum ripple current rating,
less than 100m
Ω ESR (equivalent series resistance),
and 100µF minimum capacitance. The ripple current
rating, ESR, and operating temperature are the major
considerations when selecting the input capacitor.
It is recommended that tantalum capacitors have a
minimum voltage rating of twice (2
×) the maximum dc
voltage, plus the ac ripple. This is necessary to insure
reliability with 12V input voltage bus applications. None
of the 100µF tantalum capacitors were found to meet
this requirement.
Input Capacitors:
Output Current
>>>>>4A Continuous (Table 2)
The recommended input capacitance is determined by
1.0 amperes (rms) minimum ripple current rating and
100µF minimum capacitance. The ripple current rating,
combined with less than 100m
Ω ESR (equivalent series
resistance) value are the major considerations, along
with temperature, when selecting the input capacitor.
It is recommended that tantalum capacitors have a
minimum voltage rating of twice (2
×) the maximum dc
voltage, plus the ac ripple. This is necessary to insure
reliability for 12V input voltage bus applications. None
of the 100µF tantalum capacitors were found to meet
this requirement.
Output Capacitors:
Output Current 0–6A (Table 1 & Table 2)
The ESR of the required capacitor must be less than,
or equal to 50m
Ω. Electrolytic capacitors have poor
ripple performance at frequencies greater than 400kHz
but excellent low frequency transient response. Above
the ripple frequency, ceramic decoupling capacitors are
necessary to improve the transient response and reduce
any high frequency noise components apparent during
higher current excursions. Preferred low ESR type
capacitor’s part numbers are identified in the capacitor
tables.
PT6340 Series
Tantalum Capacitors
Tantalums are acceptable on the output bus but only the
AVX TPS series, Sprague 593D/594/595 series or Kemet
T495/T510 series. These capacitors are recommended
over many other types due to their higher rated surge,
power dissipation, and ripple current capability. As a
caution, the TAJ series by AVX is not recommended. This
series exhibits considerably higher ESR and lower ripple
current capability. The TAJ series is also less reliable than
the TPS series when determining power dissipation
capability. Tantalum or Oscon capacitor types are recom-
mended for applications where ambient temperatures fall
below 0°C.
Capacitor Tables
Table 1 and Table 2 identify the vendors with acceptable
ESR and maximum allowable ripple current (rms) ratings.
The output capacitors are identified in both tables under
the “Output Bus” column with the required quantity.
The input capacitors are listed in both tables. Table 1 has
the recommended input capacitors when operating the
ISR at a load current of 4Adc or less, and Table 2 identi-
fies input capacitors for ISR load currents greater than
4Adc.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those listed
are for guidance. The RMS ripple current rating and ESR
(Equivalent Series Resistance at 100kHz) are critical parameters
necessary to insure both optimum regulator performance and
long capacitor life.


Similar Part No. - PT6346A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6346 TI-PT6346 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6346A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6360 TI-PT6360 Datasheet
317Kb / 14P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com