Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54353MPWPREP Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS54353MPWPREP
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHES
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54353MPWPREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54353MPWPREP Datasheet HTML 3Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 4Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 5Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 6Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 7Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 8Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 9Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 10Page - Texas Instruments TPS54353MPWPREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VIN
VIN
UVLO
PWRGD
RT
SYNC
ENA
COMP
BOOT
PH
PH
LSG
VBIAS
PGND
AGND
VSENSE
PWP PACKAGE
(TOP VIEW)
THERMAL
PAD
NOTE: If there is not a pin 1 indicator, turn device to enable
reading the symbol from left to right. Pin 1 is at the lower
left corner of the device.
TPS54352-EP
,, TPS54353-EP,, TPS54354-EP
TPS54355-EP
, TPS54356-EP, TPS54357-EP
www.ti.com ....................................................................................................................................................... SLVS684A – JANUARY 2007 – REVISED JULY 2009
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NO.
NAME
Input supply voltage, 4.5 V to 20 V. Must bypass with a low ESR 10-
µF ceramic capacitor. Place cap as
1, 2
VIN
close to device as possible; see Figure 23 for an example.
Undervoltage lockout. Connecting an external resistive voltage divider from VIN to the pin overrides the
3
UVLO
internal default VIN start and stop thresholds.
Power good output. Open-drain output. A low on the pin indicates that the output is less than the desired
4
PWRGD
output voltage. There is an internal rising-edge filter on the output of the PWRGD comparator.
Frequency setting. Connect a resistor from RT to AGND to set the switching frequency. Connecting the RT
5
RT
pin to ground or floating will set the frequency to an internally preselected frequency.
Bidirectional synchronization I/O. SYNC is an output when the RT pin is floating or connected low. The
output is a falling-edge signal out of phase with the rising edge of PH. SYNC may be used as an input to
synchronize to a system clock by connecting to a falling edge signal when an RT resistor is used. See 180°
6
SYNC
Out of Phase Synchronization operation in the Application Information section. In all cases, a 10-k
Ω resistor
must be tied to the SYNC pin in parallel with ground. For information on how to extend slow start, see the
Enable (ENA) and Internal Slow Start section.
7
ENA
Enable. Below 0.5 V, the device stops switching. Float pin to enable.
8
COMP
Error amplifier output. Do not connect anything to this pin.
9
VSENSE
Feedback
Analog ground. Internally connected to the sensitive analog ground circuitry. Connect to PGND and
10
AGND
PowerPAD package.
Power ground. Noisy internal ground. Return currents from the LSG driver output return through the PGND
11
PGND
pin. Connect to AGND and PowerPAD package.
12
VBIAS
Internal 8-V bias voltage. A 1-
µF ceramic bypass capacitance is required on the VBIAS pin.
Gate drive for optional low-side MOSFET. Connect gate of n-channel MOSFET for a higher efficiency
13
LSG
synchronous buck converter configuration. Otherwise, leave open and connect Schottky diode from ground
to PH pins.
14, 15
PH
Phase node. Connect to external L-C filter.
16
BOOT
Bootstrap capacitor for high-side gate driver. Connect a 0.1-
µF ceramic capacitor from BOOT to PH pins.
PGND and AGND pins must be connected to the exposed pad for proper operation. See Figure 23 for an
PowerPAD
example PCB layout.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS54352-EP TPS54353-EP TPS54354-EP TPS54355-EP TPS54356-EP TPS54357-EP


Similar Part No. - TPS54353MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54353 TI-TPS54353 Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
TPS54353 TI-TPS54353 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54353PWP TI-TPS54353PWP Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
TPS54353PWP TI-TPS54353PWP Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54353PWP TI1-TPS54353PWP Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
More results

Similar Description - TPS54353MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54352PWPRG4 TI-TPS54352PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54352 TI1-TPS54352_16 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com