Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54352MPWPREP Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54352MPWPREP
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHES
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54352MPWPREP Datasheet(HTML) 1 Page - Texas Instruments

  TPS54352MPWPREP Datasheet HTML 1Page - Texas Instruments TPS54352MPWPREP Datasheet HTML 2Page - Texas Instruments TPS54352MPWPREP Datasheet HTML 3Page - Texas Instruments TPS54352MPWPREP Datasheet HTML 4Page - Texas Instruments TPS54352MPWPREP Datasheet HTML 5Page - Texas Instruments TPS54352MPWPREP Datasheet HTML 6Page - Texas Instruments TPS54352MPWPREP Datasheet HTML 7Page - Texas Instruments TPS54352MPWPREP Datasheet HTML 8Page - Texas Instruments TPS54352MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
FEATURES
PH
VIN
PGND
BOOT
VSENSE
PWRPAD
BIAS
ENA
PWRGD
Input
Voltage
Output
Voltage
LSG
TPS54356
SYNC
APPLICATIONS
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
VI= 12 V
VO= 3.3 V
fs = 500 kHz
VI = 12 V
VI = 6 V
IO − Output Current − A
EFFICIENCY
vs
OUTPUT CURRENT
SUPPORTS DEFENSE, AEROSPACE,
TPS54352-EP
,, TPS54353-EP,, TPS54354-EP
TPS54355-EP
, TPS54356-EP, TPS54357-EP
www.ti.com ....................................................................................................................................................... SLVS684A – JANUARY 2007 – REVISED JULY 2009
4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHES
WITH INTEGRATED FET (SWIFT™)
SIMPLIFIED SCHEMATIC
2
• 100-mΩ, 4.5-A Peak MOSFET Switch for High
Efficiency at 3-A Continuous Output Current
• Use External Low-Side MOSFET or Diode
• Fixed-Output Versions – 1.2 V/1.5 V/1.8 V/
2.5 V/3.3 V/5 V
• Internally Compensated for Low Parts Count
• Synchronize to External Clock
• 180° Out-of-Phase Synchronization
• Wide Pulse Width Modulation (PWM)
Frequency – Fixed 250 kHz,
500 kHz, or Adjustable 250 kHz to 700 kHz
• Internal Slow Start
• Load Protected by Peak Current Limit and
Thermal Shutdown
• Adjustable Undervoltage Lockout
• 16-Pin PowerPAD™ Thin Shrink Small-Outline
Package (TSSOP) (PWP)
• Industrial and Commercial Low-Power
Systems
• LCD Monitors and TVs
• Computer Peripherals
• Point-of-Load Regulation for High
Performance DSPs, FPGAs, ASICs, and
Microprocessors
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Military (–55°C/125°C)
Temperature Range(1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
(1)
Additional temperature ranges are available - contact factory
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SWIFT, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54352MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54352 TI-TPS54352 Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
TPS54352 TI-TPS54352 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54352 TI1-TPS54352 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54352PWP TI-TPS54352PWP Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
TPS54352PWP TI-TPS54352PWP Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
More results

Similar Description - TPS54352MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54352PWPRG4 TI-TPS54352PWPRG4 Datasheet
995Kb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54352 TI1-TPS54352_16 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com