Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGW30N120HD Datasheet(PDF) 2 Page - Fuji Electric

Part # FGW30N120HD
Description  Discrete IGBT (High-Speed V series) 1200V / 30A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FGW30N120HD Datasheet(HTML) 2 Page - Fuji Electric

  FGW30N120HD Datasheet HTML 1Page - Fuji Electric FGW30N120HD Datasheet HTML 2Page - Fuji Electric FGW30N120HD Datasheet HTML 3Page - Fuji Electric FGW30N120HD Datasheet HTML 4Page - Fuji Electric FGW30N120HD Datasheet HTML 5Page - Fuji Electric FGW30N120HD Datasheet HTML 6Page - Fuji Electric FGW30N120HD Datasheet HTML 7Page - Fuji Electric FGW30N120HD Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Discrete IGBT
FGW30N120HD
http://www.fujielectric.com/products/semiconductor/
3
FWD Characteristics
Description
Symbol
Conditions
Characteristics
Unit
min.
typ.
max.
Forward Voltage Drop
VF
IF=20A
Tj=25°C
-
2.2
2.8
V
Tj=175°C
-
1.8
-
V
Diode Reverse Recovery Time
trr1
VCC=30V,IF = 2.0A
-di/dt=200A/μs
-
42
55
ns
Diode Reverse Recovery Time
trr2
VCC=600V
IF=20A
-diF/dt=200A/µs
Tj=25°C
0.38
-
μs
Diode Reverse Recovery Charge
Qrr
-
0.95
-
μC
Diode Reverse Recovery Time
trr2
VCC=600V
IF=20A
-diF/dt=200A/µs
Tj=175°C
-
0.66
-
μs
Diode Reverse Recovery Charge
Qrr
-
4.5
-
μC
Thermal resistance characteristics
Items
Symbols
Conditions
Characteristics
Units
min.
typ.
max.
Thermal Resistance, Junction-Ambient
Rth(j-a)
-
-
-
50
°C/W
Thermal Resistance, IGBT Junction to Case
Rth(j-c)_IGBT
-
-
-
0.568
Thermal Resistance, FWD Junction to Case
Rth(j-c)_FWD
-
-
-
1.191


Similar Part No. - FGW30N120HD

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FGW30N120H FUJI-FGW30N120H Datasheet
559Kb / 6P
   Discrete IGBT (High-Speed V series) 1200V / 30A
More results

Similar Description - FGW30N120HD

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FGW30N120H FUJI-FGW30N120H Datasheet
559Kb / 6P
   Discrete IGBT (High-Speed V series) 1200V / 30A
FGW40N120H FUJI-FGW40N120H Datasheet
588Kb / 6P
   Discrete IGBT (High-Speed V series) 1200V / 40A
FGW15N120HD FUJI-FGW15N120HD Datasheet
643Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 15A
FGW40N120VD FUJI-FGW40N120VD Datasheet
696Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 40A
FGW15N120H FUJI-FGW15N120H Datasheet
567Kb / 6P
   Discrete IGBT (High-Speed V series) 1200V / 15A
FGW25N120VD FUJI-FGW25N120VD Datasheet
679Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 25A
FGW40N120HD FUJI-FGW40N120HD Datasheet
680Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 40A
FGW15N120VD FUJI-FGW15N120VD Datasheet
670Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 15A
FGW30N60VD FUJI-FGW30N60VD Datasheet
656Kb / 8P
   Discrete IGBT (High-Speed V series) 600V / 30A
FGW75N60H FUJI-FGW75N60H Datasheet
578Kb / 6P
   Discrete IGBT (High-Speed V series) 600V / 75A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com