Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54623 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54623
Description  4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Light Load Efficiency and Hiccup Over Current Protection
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54623 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54623 Datasheet HTML 4Page - Texas Instruments TPS54623 Datasheet HTML 5Page - Texas Instruments TPS54623 Datasheet HTML 6Page - Texas Instruments TPS54623 Datasheet HTML 7Page - Texas Instruments TPS54623 Datasheet HTML 8Page - Texas Instruments TPS54623 Datasheet HTML 9Page - Texas Instruments TPS54623 Datasheet HTML 10Page - Texas Instruments TPS54623 Datasheet HTML 11Page - Texas Instruments TPS54623 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
°C
TJ − Junction Temperature − °C
1.200
1.205
1.210
1.215
1.220
−50
−25
0
25
50
75
100
125
150
VIN = 12 V
TJ − Junction Temperature − °C
2.1
2.2
2.3
2.4
2.5
−50
−25
0
25
50
75
100
125
150
VI − Input Voltage − V
100
150
300
350
400
3
6
9
12
15
250
200
18
T = 150°C
J
T = 25°C
J
T = -40°C
J
TJ − Junction Temperature − °C
0.010
0.020
0.030
0.040
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature − °C
80
90
100
120
−50
−25
0
25
50
75
100
125
150
Vin = 12 V
VSENSE Rising
VSENSE Falling
VSENSE Rising
VSENSE Falling
110
TPS54623
SLVSB09
– SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
PIN PULL-UP CURRENT vs TEMPERATURE
PIN UVLO THRESHOLD vs TEMPERATURE
Figure 7.
Figure 8.
NON-SWITCHING OPERATING QUIESCENT CURRENT
(VIN) vs
SLOW START CHARGE CURRENT vs
INPUT VOLTAGE
TEMPERATURE
Figure 9.
Figure 10.
(SS/TR - VSENSE) OFFSET vs TEMPERATURE
PWRGD THRESHOLD vs TEMPERATURE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS54623


Similar Part No. - TPS54623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54623 TI-TPS54623_15 Datasheet
1Mb / 38P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Light Load Efficiency and Hiccup Over Current Protection
More results

Similar Description - TPS54623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54623 TI-TPS54623_15 Datasheet
1Mb / 38P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Light Load Efficiency and Hiccup Over Current Protection
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com