Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6343C Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6343C
Description  6-A 12-V Input Adjustable Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6343C Datasheet(HTML) 3 Page - Texas Instruments

  PT6343C Datasheet HTML 1Page - Texas Instruments PT6343C Datasheet HTML 2Page - Texas Instruments PT6343C Datasheet HTML 3Page - Texas Instruments PT6343C Datasheet HTML 4Page - Texas Instruments PT6343C Datasheet HTML 5Page - Texas Instruments PT6343C Datasheet HTML 6Page - Texas Instruments PT6343C Datasheet HTML 7Page - Texas Instruments PT6343C Datasheet HTML 8Page - Texas Instruments PT6343C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
PT6340 Series
6-A 12-V Input Adjustable
Integrated Switching Regulator
Efficiency Vs Output Current
PT6340 Series Performance; @VIN =12.0V (See Note A)
Ripple Vs Output Current
Power Dissipation Vs Output Current
Safe Operating Area
(See Note B)
20
30
40
50
60
70
80
90
0123456
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0123456
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0123456
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
PT6341, Vo =5.0V, Vin =12V
PT6342, Vo =3.3V, Vin =12V
PT6345, Vo =1.5V, Vin =12V
50
60
70
80
90
100
01234
56
Iout (A)
PT6341
PT6342
PT6343
PT6344
PT6345
PT6346
0
10
20
30
40
50
0123456
Iout (A)
PT6341
PT6342
PT6343
PT6344
PT6345
PT6346
0
0.5
1
1.5
2
2.5
0123456
Iout (A)
PT6341
PT6342
PT6343
PT6344
PT6345
PT6346


Similar Part No. - PT6343C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6343 TI-PT6343 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6343C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6360 TI-PT6360 Datasheet
317Kb / 14P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com