Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54140-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54140-Q1
Description  1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54140-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54140-Q1 Datasheet HTML 1Page - Texas Instruments TPS54140-Q1 Datasheet HTML 2Page - Texas Instruments TPS54140-Q1 Datasheet HTML 3Page - Texas Instruments TPS54140-Q1 Datasheet HTML 4Page - Texas Instruments TPS54140-Q1 Datasheet HTML 5Page - Texas Instruments TPS54140-Q1 Datasheet HTML 6Page - Texas Instruments TPS54140-Q1 Datasheet HTML 7Page - Texas Instruments TPS54140-Q1 Datasheet HTML 8Page - Texas Instruments TPS54140-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
TPS54140-Q1
www.ti.com
SLVSA24C – OCTOBER 2009 – REVISED AUGUST 2012
DEVICE INFORMATION
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
A bootstrap capacitor is required between BOOT and PH. If the voltage on this capacitor is below the
BOOT
1
O
minimum required by the output device, the output is forced to switch off until the capacitor is refreshed.
Error amplifier output, and input to the output switch current comparator. Connect frequency compensation
COMP
8
O
components to this pin.
Enable pin, internal pullup current source. Pull below 1.2 V to disable. Float to enable. Adjust the input
EN
3
I
undervoltage lockout with two resistors.
GND
9
Ground
PH
10
I
The source of the internal high-side power MOSFET.
An open drain output, asserts low if output voltage is low due to thermal shutdown, dropout, over-voltage or
PWRGD
6
O
EN shut down.
Resistor Timing and External Clock. An internal amplifier holds this pin at a fixed voltage when using an
external resistor to ground to set the switching frequency. If the pin is pulled above the PLL upper threshold,
RT/CLK
5
I
a mode change occurs and the pin becomes a synchronization input. The internal amplifier is disabled and
the pin is a high impedance clock input to the internal PLL. If clocking edges stop, the internal amplifier is re-
enabled and the mode returns to a resistor set function.
Slow-start and Tracking. An external capacitor connected to this pin sets the output rise time. Since the
SS/TR
4
I
voltage on this pin overrides the internal reference, it can be used for tracking and sequencing.
VIN
2
I
Input supply voltage, 3.5 V to 42 V.
VSENSE
7
I
Inverting node of the transconductance ( gm) error amplifier.
Thermal Pad
GND pin must be electrically connected to the exposed pad on the printed circuit board for proper operation.
Copyright © 2009–2012, Texas Instruments Incorporated
5


Similar Part No. - TPS54140-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54140 TI-TPS54140 Datasheet
1Mb / 46P
[Old version datasheet]   1.5-A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54140ADGQ TI1-TPS54140ADGQ Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54140ADGQR TI1-TPS54140ADGQR Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54140ADRC TI1-TPS54140ADRC Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
More results

Similar Description - TPS54140-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS57140-EP TI-TPS57140-EP_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS57140-EP 1.5-A 42-V Step-Down Swift??DC-DC Converter With Eco-mode??Control
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
TPS57160-Q1 TI1-TPS57160-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com